Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC20H12CWY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC20H12CWY
Description  20 A 1200 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12CWY Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC20H12CWY Datasheet HTML 1Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 2Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 3Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 4Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 5Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 6Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 7Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 8Page - STMicroelectronics STPSC20H12CWY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values per diode at 25 °C , unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (Tj = -40 °C to +175 °C)
1200
V
IF(RMS) Forward rms current
25
A
IF(AV)
Average forward current
Tc = 150 °C, DC current
Per diode
10
A
Per device
20
IFRM
Repetitive peak forward current
Tc =150 °C, Tj = 175 °C, δ = 0.1
42
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
Tc = 25 °C
71
A
tp = 10 ms sinusoidal
Tc = 150 °C
60
tp = 10 µs square
Tc = 25 °C
420
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature (1)
-40 to +175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Typ.
Max.
Unit
Rth(j-c)
Junction to case
Per diode
0.70
0.95
°C/W
Per device
0.35
0.48
For more information, please refer to the following application note:
•
AN5088: Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
5
60
µA
Tj = 150 °C
-
30
400
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 10 A
-
1.35
1.50
V
Tj = 150 °C
-
1.75
2.25
1. Pulse test: tp = 10 ms, δ < 2%
2. Pulse test: tp = 500 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 1.03 x IF(AV) + 0.122 x IF 2(RMS)
For more information, please refer to the following application notes related to the power losses:
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
STPSC20H12CWY
Characteristics
DS12793 - Rev 2
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com