Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84427CMLF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84427CMLF Datasheet(HTML) 4 Page - Renesas Technology Corp

  84427CMLF Datasheet HTML 1Page - Renesas Technology Corp 84427CMLF Datasheet HTML 2Page - Renesas Technology Corp 84427CMLF Datasheet HTML 3Page - Renesas Technology Corp 84427CMLF Datasheet HTML 4Page - Renesas Technology Corp 84427CMLF Datasheet HTML 5Page - Renesas Technology Corp 84427CMLF Datasheet HTML 6Page - Renesas Technology Corp 84427CMLF Datasheet HTML 7Page - Renesas Technology Corp 84427CMLF Datasheet HTML 8Page - Renesas Technology Corp 84427CMLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
84427 DATA SHEET
4
REVISION B 5/6/15
TABLE 4. CRYSTAL CHARACTERISTICS
TABLE 5. AC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
F
OUT
Output Frequency
77.76
625
MHz
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 1
155.52MHz,
(Integration Range: 12kHz-20MHz)
3.4
ps
156.25MHz,
(Integration Range: 12kHz-20MHz)
3.1
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 2
36
ps
tsk(o)
Output Skew; NOTE 3, 4
85
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
200
600
ps
odc
Output Duty Cycle
47
52
%
t
LOCK
PLL Lock Time
1ms
See Parameter Measurement Information section.
NOTE 1: See Phase Noise Plots.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential crossing points.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
19.44
25.5
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com