Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84427CMLF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84427CMLF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 84427CMLF Datasheet HTML 5Page - Renesas Technology Corp 84427CMLF Datasheet HTML 6Page - Renesas Technology Corp 84427CMLF Datasheet HTML 7Page - Renesas Technology Corp 84427CMLF Datasheet HTML 8Page - Renesas Technology Corp 84427CMLF Datasheet HTML 9Page - Renesas Technology Corp 84427CMLF Datasheet HTML 10Page - Renesas Technology Corp 84427CMLF Datasheet HTML 11Page - Renesas Technology Corp 84427CMLF Datasheet HTML 12Page - Renesas Technology Corp 84427CMLF Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REVISION B 5/6/15
84427 DATA SHEET
9
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 4. In a 100
Ω dif-
ferential transmission line environment, LVDS drivers require
a matched load termination of 100
Ω across near the receiver
100 Ohm Differiential Transmission Line
R1
100
3.3V
+
-
LVDS_Driv er
3.3V
FIGURE 4. TYPICAL LVDS DRIVER TERMINATION
input. For a multiple LVDS outputs buffer, if only partial outputs
are used, it is recommended to terminate the un-used outputs.
FIGURE 5A. 84427 SCHEMATIC EXAMPLE
SCHEMATIC EXAMPLE
Figure 5A shows a schematic example of using an 84427. In
this example, the input is a 25MHz parallel resonant crystal with
load capacitor CL=18pF. The frequency fine tuning capacitors
C1 and C2 is 22pF and 18pF respectively. This example also
shows logic control input handling. The configuration is set at
F_SEL[2:0]=101, therefore, the output frequency is 156.25MHz.
It is recommended to have one decouple capacitor per power
pin. Each decoupling capacitor should be located as close as
possible to the power pin. The low pass filter R7, C11 and C16
for clean analog supply should also be located as close to the
VDDA pin as possible.
F_SEL0
VDD
C5
0.1u
F_SEL2
VDDA
VDD
LVDS_input
+
-
RD3
SP
VDD
VDD=3.3V
VDD
F_SEL1
C11
0.1u
C2
18p
R5
1K
(U1,16)
VDD
C3
0.1u
R1
100
VDD
RU2
SP
SP = Spare, Not Installed
(U1,24)
Zo = 50
R4
1K
F_SEL0
(U1,13)
C16
10u
RU3
1K
e.g. F_SEL[2:0]=101
Zo = 50
X1
25MHz,18pF
F_SEL2
C6
0.1u
U1
ICS84427
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
VDD
VEE
PLL_SEL
VDD
VDDA
F_SEL2
XTAL_OUT
XTAL_IN
MR
F_SEL1
F_SEL0
VDD
RD1
SP
F_SEL1
RU1
1K
RD2
1K
C1
22p
R7
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com