Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85311AMILF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 85311AMILF
Description  Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85311AMILF Datasheet(HTML) 5 Page - Renesas Technology Corp

  85311AMILF Datasheet HTML 1Page - Renesas Technology Corp 85311AMILF Datasheet HTML 2Page - Renesas Technology Corp 85311AMILF Datasheet HTML 3Page - Renesas Technology Corp 85311AMILF Datasheet HTML 4Page - Renesas Technology Corp 85311AMILF Datasheet HTML 5Page - Renesas Technology Corp 85311AMILF Datasheet HTML 6Page - Renesas Technology Corp 85311AMILF Datasheet HTML 7Page - Renesas Technology Corp 85311AMILF Datasheet HTML 8Page - Renesas Technology Corp 85311AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
©2016 Integrated Device Technology, Inc.
Revision B, February 18, 2016
85311I Datasheet
Table 4B. AC Characteristics, VCC = 2.5V±5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. Device will meet specifications after thermal equilibrium has
been reached under these conditions.
All parameters are measured 500MHz unless otherwise noted.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross
points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Maximum Output Frequency
1GHz
tPD
Propagation Delay; NOTE 1
ƒ
 1GHz
0.9
2.1
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
156.25MHz, Integration Range
(12kHz – 20MHz)
0.135
ps
tsk(o)
Output Skew; NOTE 2, 4
25
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
250
ps
tR / tF
Output Rise/Fall Time
20% to 80% @ 50MHz
250
700
ps
odc
Output Duty Cycle
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com