Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC768 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P87LPC768
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P87LPC768 Datasheet HTML 10Page - NXP Semiconductors P87LPC768 Datasheet HTML 11Page - NXP Semiconductors P87LPC768 Datasheet HTML 12Page - NXP Semiconductors P87LPC768 Datasheet HTML 13Page - NXP Semiconductors P87LPC768 Datasheet HTML 14Page - NXP Semiconductors P87LPC768 Datasheet HTML 15Page - NXP Semiconductors P87LPC768 Datasheet HTML 16Page - NXP Semiconductors P87LPC768 Datasheet HTML 17Page - NXP Semiconductors P87LPC768 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
12
Code Examples for the A/D
The first piece of sample code shows an example of port configuration for use with the A/D. This example sets up the pins so that all four A/D
channels may be used. Port configuration for analog functions is described in the section Analog Functions.
; Set up port pins for A/D conversion, without affecting other pins.
mov
PT0AD,#78h
; Disable digital inputs on A/D input pins.
anl
P0M2,#87h
; Disable digital outputs on A/D input pins.
orl
P0M1,#78h
; Disable digital outputs on A/D input pins.
Following is an example of using the A/D with interrupts. The routine ADStart begins an A/D conversion using the A/D channel number supplied
in the accumulator. The channel number is not checked for validity. The A/D must previously have been enabled with sufficient time to allow for
stabilization.
The interrupt handler routine reads the conversion value and returns it in memory address ADResult. The interrupt should be enabled prior to
starting the conversion.
; Start A/D conversion.
ADStart:
orl
ADCON,A
; Add in the new channel number.
setb
ADCS
; Start an A/D conversion.
;
orl
PCON,#01h
; The CPU could be put into Idle mode here.
;
orl
PCON,#02h
; The CPU could be put into Power Down mode here if RCCLK = 1.
ret
; A/D interrupt handler.
ADInt:
push
ACC
; Save accumulator.
mov
A,DAC0
; Get A/D result,
mov
ADResult,A
;
and save it in memory.
clr
ADCI
; Clear the A/D completion flag.
anl
ADCON,#0fch
; Clear the A/D channel number.
pop
ACC
; Restore accumulator.
reti
Following is an example of using the A/D with polling. An A/D conversion is started using the channel number supplied in the accumulator. The
channel number is not checked for validity. The A/D must previously have been enabled with sufficient time to allow for stabilization. The
conversion result is returned in the accumulator.
ADRead:
orl
ADCON,A
; Add in the new channel number.
setb
ADCS
; Start A/D conversion.
ADChk:
jnb
ADCI,ADChk
; Wait for ADCI to be set.
mov
A,DAC0
; Get A/D result.
clr
ADCI
; Clear the A/D completion flag.
anl
ADCON,#0fch
; Clear the A/D channel number.
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com