Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC768 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # P87LPC768
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button P87LPC768 Datasheet HTML 33Page - NXP Semiconductors P87LPC768 Datasheet HTML 34Page - NXP Semiconductors P87LPC768 Datasheet HTML 35Page - NXP Semiconductors P87LPC768 Datasheet HTML 36Page - NXP Semiconductors P87LPC768 Datasheet HTML 37Page - NXP Semiconductors P87LPC768 Datasheet HTML 38Page - NXP Semiconductors P87LPC768 Datasheet HTML 39Page - NXP Semiconductors P87LPC768 Datasheet HTML 40Page - NXP Semiconductors P87LPC768 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
35
Low Voltage EPROM Operation
The EPROM array contains some analog circuits that are not
required when VDD is less than 4 V, but are required for a VDD
greater than 4 V. The LPEP bit (AUXR.4), when set by software, will
power down these analog circuits resulting in a reduced supply
current. LPEP is cleared only by power-on reset, so it may be set
ONLY for applications that always operate with VDD less than 4 V.
Reset
The 87LPC768 has an active low reset input when configured for an
external reset. A fully internal reset may also be configured which
provides a reset when power is initially applied to the device. The
watchdog timer can act as an oscillator fail detect because it uses
an independent, fully on-chip oscillator.
The external reset input is disabled, and fully internal reset
generation enabled, by programming the RPD bit in the EPROM
configuration register UCFG1 to 0. EPROM configuration is
described in the section EPROM Characteristics
SU01391
87LPC768
87LPC768
VDD
8.2 k
W
10
mF
RST
RST
2.2
mF
Figure 23. Typical External Reset Circuits
SU01170
CHIP RESET
CPU
CLOCK
Q
RESET
TIMING
RPD (UCFG1.6)
WDT
MODULE
SOFTWARE RESET
SRST (AUXR1.3)
POWER MONITOR
RESET
RST/VPP PIN
WDTE (UCFG1.7)
S
R
Figure 24. Block Diagram Showing Reset Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com