Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56321T/D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # DSP56321T/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 17Page - NXP Semiconductors DSP56321T/D Datasheet HTML 18Page - NXP Semiconductors DSP56321T/D Datasheet HTML 19Page - NXP Semiconductors DSP56321T/D Datasheet HTML 20Page - NXP Semiconductors DSP56321T/D Datasheet HTML 21Page - NXP Semiconductors DSP56321T/D Datasheet HTML 22Page - NXP Semiconductors DSP56321T/D Datasheet HTML 23Page - NXP Semiconductors DSP56321T/D Datasheet HTML 24Page - NXP Semiconductors DSP56321T/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
1-15
Serial Communication Interface (SCI)
1.10 Serial Communication Interface (SCI)
The SCI provides a full duplex port for serial communication with other DSPs, microprocessors, or
peripherals such as modems.
Table 1-13. Serial Communication Interface
Signal Name
Type
State During
Reset1,2
Signal Description
RXD
PE0
Input
Input or Output
Ignored Input
Serial Receive Data—Receives byte-oriented serial data and
transfers it to the SCI Receive Shift Register.
Port E 0—The default configuration following reset is GPIO input
PE0. When configured as PE0, signal direction is controlled
through the Port E Direction Register. The signal can be
configured as an SCI signal RXD through the Port E Control
Register.
TXD
PE1
Output
Input or Output
Ignored Input
Serial Transmit Data—Transmits data from the SCI Transmit
Data Register.
Port E 1—The default configuration following reset is GPIO input
PE1. When configured as PE1, signal direction is controlled
through the Port E Direction Register. The signal can be
configured as an SCI signal TXD through the Port E Control
Register.
SCLK
PE2
Input/Output
Input or Output
Ignored Input
Serial Clock—Provides the input or output clock used by the
transmitter and/or the receiver.
Port E 2—The default configuration following reset is GPIO input
PE2. When configured as PE2, signal direction is controlled
through the Port E Direction Register. The signal can be
configured as an SCI signal SCLK through the Port E Control
Register.
Notes:
1.
In the Stop state, the signal maintains the last state as follows:
• If the last state is input, the signal is an ignored input.
• If the last state is output, these lines maintain the last output state even if the drivers are tri-stated,
because they have internal weak keeper circuits.
2.
The Wait processing state does not affect the signal state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com