Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56321T/D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # DSP56321T/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 9Page - NXP Semiconductors DSP56321T/D Datasheet HTML 10Page - NXP Semiconductors DSP56321T/D Datasheet HTML 11Page - NXP Semiconductors DSP56321T/D Datasheet HTML 12Page - NXP Semiconductors DSP56321T/D Datasheet HTML 13Page - NXP Semiconductors DSP56321T/D Datasheet HTML 14Page - NXP Semiconductors DSP56321T/D Datasheet HTML 15Page - NXP Semiconductors DSP56321T/D Datasheet HTML 16Page - NXP Semiconductors DSP56321T/D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
1-7
Interrupt and Mode Control
1.6 Interrupt and Mode Control
The interrupt and mode control signals select the chip operating mode as it comes out of hardware reset.
After RESET is deasserted, these inputs are hardware interrupt request lines.
Table 1-8. Interrupt and Mode Control
Signal Name
Type
State During
Reset
Signal Description
MODA
IRQA
Input
Input
Schmitt-trigger
Input
Mode Select A—MODA, MODB, MODC, and MODD select one
of 16 initial chip operating modes, latched into the Operating
Mode Register when the RESET signal is deasserted.
External Interrupt Request A—After reset, this input becomes a
level-sensitive or negative-edge-triggered, maskable interrupt
request input during normal instruction processing. If the
processor is in the STOP or WAIT standby state and IRQA is
asserted, the processor exits the STOP or WAIT state.
MODB
IRQB
Input
Input
Schmitt-trigger
Input
Mode Select B—MODA, MODB, MODC, and MODD select one
of 16 initial chip operating modes, latched into the Operating
Mode Register when the RESET signal is deasserted.
External Interrupt Request B—After reset, this input becomes a
level-sensitive or negative-edge-triggered, maskable interrupt
request input during normal instruction processing. If the
processor is in the WAIT standby state and IRQB is asserted, the
processor exits the WAIT state.
MODC
IRQC
Input
Input
Schmitt-trigger
Input
Mode Select C—MODA, MODB, MODC, and MODD select one
of 16 initial chip operating modes, latched into the Operating
Mode Register when the RESET signal is deasserted.
External Interrupt Request C—After reset, this input becomes a
level-sensitive or negative-edge-triggered, maskable interrupt
request input during normal instruction processing. If the
processor is in the WAIT standby state and IRQC is asserted, the
processor exits the WAIT state.
MODD
IRQD
Input
Input
Schmitt-trigger
Input
Mode Select D—MODA, MODB, MODC, and MODD select one
of 16 initial chip operating modes, latched into the Operating
Mode Register when the RESET signal is deasserted.
External Interrupt Request D—After reset, this input becomes a
level-sensitive or negative-edge-triggered, maskable interrupt
request input during normal instruction processing. If the
processor is in the WAIT standby state and IRQD is asserted, the
processor exits the WAIT state.
RESET
Input
Schmitt-trigger
Input
Reset—Places the chip in the Reset state and resets the internal
phase generator. The Schmitt-trigger input allows a slowly rising
input (such as a capacitor charging) to reset the chip reliably.
When the RESET signal is deasserted, the initial chip operating
mode is latched from the MODA, MODB, MODC, and MODD
inputs. The RESET signal must be asserted after powerup.
PINIT
NMI
Input
Input
Input
PLL Initial—During assertion of RESET, the value of PINIT
determines whether the DPLL is enabled or disabled.
Nonmaskable Interrupt—After RESET deassertion and during
normal instruction processing, this Schmitt-trigger input is the
negative-edge-triggered NMI request.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com