Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC123TM Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC123TM
Description  NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC123TM Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC123TM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC123TM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PDTC123T_SER_1
Product data sheet
Rev. 01 — 10 March 2006
5 of 10
Philips Semiconductors
PDTC123T series
NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
7.
Characteristics
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB =0A
-
-
1
µA
VCE = 30 V; IB =0A;
Tj = 150 °C
--
50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC =20mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150
mV
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f = 1 MHz
-
-
2.5
pF
VCE =5V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
IC (mA)
10−1
102
10
1
006aaa696
200
300
100
400
500
hFE
0
(1)
(2)
(3)
006aaa697
IC (mA)
10−1
102
10
1
10−1
1
VCEsat
(V)
10−2
(3)
(2)
(1)
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com