Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC143EQB Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC143EQB
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EQB Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC143EQB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Nexperia
PDTC143/114/124/144EQB series
50 V, 100 mA NPN resistor-equipped transistors
10. Characteristics
Table 8. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A
50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = 2 mA; IB = 0 A
50
-
-
V
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A
-
-
100
nA
VCE = 30 V; IB = 0 A
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB = 0 A; Tj = 150 °C
-
-
5
µA
emitter-base cut-off current
PDTC143EQB
-
-
900
µA
PDTC114EQB
-
-
400
µA
PDTC124EQB
-
-
180
µA
IEBO
PDTC144EQB
VEB = 5 V; IC = 0 A
90
µA
DC current gain
PDTC143EQB
VCE = 5 V; IC = 10 mA
30
-
-
PDTC114EQB
30
-
-
PDTC124EQB
60
-
-
hFE
PDTC144EQB
VCE = 5 V; IC = 5 mA
80
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
100
mV
off-state input voltage
PDTC143EQB
-
1.1
0.5
V
PDTC114EQB
-
1.1
0.8
V
PDTC124EQB
-
1.1
0.8
V
VI(off)
PDTC144EQB
VCE = 5 V ; IC = 100 µA
-
1.2
0.8
V
on-state input voltage
PDTC143EQB
VCE = 0.3 V ; IC = 20 mA
2.5
1.9
-
V
PDTC114EQB
VCE = 0.3 V ; IC = 10 mA
2.5
1.8
-
V
PDTC124EQB
VCE = 0.3 V ; IC = 5 mA
2.5
1.7
-
V
VI(on)
PDTC144EQB
VCE = 0.3 V ; IC = 2 mA
3.0
1.6
-
V
bias resistor 1 (input)
PDTC143EQB
3.3
4.7
6.1
kΩ
PDTC114EQB
7
10
13
kΩ
PDTC124EQB
15.4
22
28.6
kΩ
R1
PDTC144EQB
33
47
61
kΩ
R2/R1
bias resistor ratio
[1]
0.8
1
1.2
fT
transition frequency
VCE = 5 V; IC = 10 mA; f = 100 MHz
[2] -
230
-
MHz
Cc
collector capacitance
VCB = 10 V; IE = ie = 0 A; f = 1 MHz
-
-
2.5
pF
[1] See "Section 11: Test information" for resistor calculation and test conditions
[2] Characteristics of built-in transistor
PDTC143_114_124_144EQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
5 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com