Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC143EQB Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PDTC143EQB
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EQB Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PDTC143EQB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC143EQB Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Nexperia
PDTC143/114/124/144EQB series
50 V, 100 mA NPN resistor-equipped transistors
IC (mA)
10-1
10
1
006aac797
1
10
VI(off)
(V)
10-1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 20. PDTC124EQB: Off-state input voltage as a
function of collector current; typical values
VCB (V)
0
50
40
20
30
10
006aac798
1
2
3
Cc
(pF)
0
f = 1 MHz
Tamb = 25 °C
Fig. 21. PDTC124EQB: Collector capacitance as a
function of collector-base voltage; typical
values
IC (mA)
10-1
102
10
1
006aac752
102
10
103
hFE
1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 22. PDTC144EQB: DC current gain as a function of
collector current; typical values
VCE (V)
0
5
4
2
3
1
aaa-018667
0.04
0.06
0.02
0.08
0.1
IC
(A)
0
IB = 0.06 mA
0.12 mA
0.18 mA
0.24 mA
0.30 mA
0.36 mA
0.60 mA
0.42 mA
0.48 mA
0.54 mA
Tamb = 25 °C
Fig. 23. PDTC144EQB: Collector current as a function of
collector-emitter voltage; typical values
PDTC143_114_124_144EQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
10 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com