Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7280-00FVC Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA7280-00FVC
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280-00FVC Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA7280-00FVC Datasheet HTML 29Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 30Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 31Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 32Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 33Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 34Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 36Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input
Triggers, Integrated Waveform Memory and
Wideband Support
Datasheet
Revision 3.2
02-Mar-2022
CFR0011-120-00
33 of 84
© 2022 Renesas Electronics
2. Set PS_SEQ_ID and PS_SEQ_LOOP to select the sequence to play from Waveform Memory
when a start event is created via writing to I2C (SEQ_START). Note: If this has already been
done, then this step can be skipped.
3. Set OPERATION_MODE = 4. On subsequent sequence playbacks, this step can be skipped (if
OPERATION_MODE = 4). Haptic sequences will not begin playing until a start event is detected
either by an edge on one of the GPI pins, or by setting SEQ_START = 1 via I2C.
4. While in the DRIVE state, set SEQ_CONTINUE = 1 to repeat the sequence.
5. When the haptic sequence is completed, DA7280 will signal this by setting nIRQ = 0 and setting
SEQ_DONE = 1. DA7280 will then return to IDLE or STANDBY state, depending on the value of
the STANDBY_EN.
6. Clear the nIRQ and SEQ_DONE_M signals by setting SEQ_DONE_M = 0 via I2C.
At any time during operation in ETWM mode, set OPERATION_MODE or SEQ_START = 0 to return
to IDLE or STANDBY state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com