Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7280-00FVC Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7280-00FVC
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280-00FVC Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7280-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 36Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 37Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 38Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 39Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 40Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 41Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 42Page - Renesas Technology Corp DA7280-00FVC Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input
Triggers, Integrated Waveform Memory and
Wideband Support
Datasheet
Revision 3.2
02-Mar-2022
CFR0011-120-00
39 of 84
© 2022 Renesas Electronics
Table 14: Default CUSTOM_WAVE_GEN_COEFFx Settings
Point
% of IMAX[4:0]
Corresponding Bits
0
0
-
1
37.9
CUSTOM_WAVE_GEN_COEFF1
2
70.3
CUSTOM_WAVE_GEN_COEFF2
3
92.2
CUSTOM_WAVE_GEN_COEFF3
4
100
-
Configure the following bits to enable custom waveform operation:
● BEMF_SENSE_EN = 0
● WAVEGEN_MODE = 1
● V2I_FACTOR_FREEZE = 1
● DELAY_H = 0
● DELAY_SHIFT_L = 0
● DELAY_FREEZE = 1
● ACCELERATION_EN = 0
● RAPID_STOP_EN = 0
● AMP_PID_EN = 0
After the above setup is executed, amplitude data can be streamed in any mode, see Section 5.6.5,
and output frequency can be updated, see Section 5.7.6.
5.7.7
Embedded Operation
Should DA7280 be required to operate in a setup where no host is present or due to software
limitations unable to communicate with the device during its required operation, DA7280 can operate
in embedded operation by setting EMBEDDED_MODE = 1. In this case DA7280 is configured to
clear all system faults as it enters inactive mode when playback is finished or if a fault has been
detected, see Section 5.6.6.
For example, if a short circuit occurs, the system will react in its usual way: stop driving, disable the
current loop, and go to Inactive mode. Once in Inactive mode, the generated interrupt is
automatically cleared and DA7280 will attempt to drive again on the next playback request without
the host having to come in and clear faults.
5.7.8
Polarity Change Reporting for Half-Period Control in DRO Mode
For advanced sequence playback in DRO mode, the host may require DA7280 to update the output
drive amplitude every half period. Since the I2C clock is asynchronous to the DA7280 internal clock
and the exact timing of the half-period will change dynamically based on the frequency tracking loop,
this is not a trivial operation.
To overcome this limitation, the register POLARITY provides feedback. POLARITY toggles at the
start of every half-period (so at a rate of 400 Hz for a 200 Hz resonant frequency actuator). This
allows software synchronization of the updates to the OVERRIDE_VAL, see Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com