Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1090 Datasheet(PDF) 5 Page - International Rectifier

Part # AN-1090
Description  Controller Dynamics and Tuning
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-1090 Datasheet(HTML) 5 Page - International Rectifier

  AN-1090 Datasheet HTML 1Page - International Rectifier AN-1090 Datasheet HTML 2Page - International Rectifier AN-1090 Datasheet HTML 3Page - International Rectifier AN-1090 Datasheet HTML 4Page - International Rectifier AN-1090 Datasheet HTML 5Page - International Rectifier AN-1090 Datasheet HTML 6Page - International Rectifier AN-1090 Datasheet HTML 7Page - International Rectifier AN-1090 Datasheet HTML 8Page - International Rectifier AN-1090 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
15
www.irf.com
5
AN-1090
Once current regulator diagnostic is executed, step current response can be observed from trace
function or current probes on w-phase. It is recommended to use current probe to observe step
current response. Figure 4 shows (current probe) the step current response of w-phase when
Current Reg diagnostic function is executed. In this figure, 25% step rated motor current is
commanded. The step level can be controlled by parameter ParkI (inside Current Reg Diagnostic
function). Figure 5 shows the expanded version of Figure 4. The measured current loop response
is critically damped at 0.65 msec time constant (0 – 66.3% of final steady value), which is
approximately equal to the anticipated current regulator bandwidth response (1/1500 =
0.667msec).
0%
25%
Figure 4. Step Current Response
0.65 msec
Figure 5. Step Current Response (Expanded Time Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com