Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1090 Datasheet(PDF) 9 Page - International Rectifier

Part # AN-1090
Description  Controller Dynamics and Tuning
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-1090 Datasheet(HTML) 9 Page - International Rectifier

Back Button AN-1090 Datasheet HTML 5Page - International Rectifier AN-1090 Datasheet HTML 6Page - International Rectifier AN-1090 Datasheet HTML 7Page - International Rectifier AN-1090 Datasheet HTML 8Page - International Rectifier AN-1090 Datasheet HTML 9Page - International Rectifier AN-1090 Datasheet HTML 10Page - International Rectifier AN-1090 Datasheet HTML 11Page - International Rectifier AN-1090 Datasheet HTML 12Page - International Rectifier AN-1090 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
15
www.irf.com
9
AN-1090
Ramp Speed Reponse
2200
2400
2600
2800
3000
3200
3400
1
100 199 298 397 496 595 694 793 892 991
Time (0.55 sec/Div)
Optimized
Figure 11. Comparison of Optimized and Non-optimized Speed Response
4) It may be noticed that there is still slight overshoot on the optimized Ramp Speed
response (Figure 11). Most applications can tolerate a slight overshoot (<10%).
Increasing KpSreg or reducing speed ramp rate as shown in Figure 12 can further reduce
speed overshoot. It is recommended to keep overshoot to minimal possible for
applications (i.e. Washer Spin Mode), which require Field-Weakening range of more than
1.5.
Speed Overshoot Reduction
2200
2400
2600
2800
3000
3200
1
201
401
601
801
1001
Time (0.275 sec/Div)
Increase
KpSreg
Reduce
Ramp
Figure 12. Speed Overshoot Reduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com