Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1185ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1185ARMZ
Description  Quad Voltage Monitor and Sequencer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ Datasheet(HTML) 4 Page - Analog Devices

  ADM1185ARMZ Datasheet HTML 1Page - Analog Devices ADM1185ARMZ Datasheet HTML 2Page - Analog Devices ADM1185ARMZ Datasheet HTML 3Page - Analog Devices ADM1185ARMZ Datasheet HTML 4Page - Analog Devices ADM1185ARMZ Datasheet HTML 5Page - Analog Devices ADM1185ARMZ Datasheet HTML 6Page - Analog Devices ADM1185ARMZ Datasheet HTML 7Page - Analog Devices ADM1185ARMZ Datasheet HTML 8Page - Analog Devices ADM1185ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM1185
Preliminary Technical Data
Rev. PrK | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC Pin
−0.3 V to +6 V
VIN1-VIN4 Pin
−0.3 V to +6 V
OUT1-OUT3, PWRGD Pins
−0.3 V to +6 V
Power Dissipation
TBD
Storage Temperature
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions may affect device reliability.
Ambient temperature = 25°C, unless otherwise noted.
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com