Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1185ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1185ARMZ
Description  Quad Voltage Monitor and Sequencer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1185ARMZ Datasheet HTML 4Page - Analog Devices ADM1185ARMZ Datasheet HTML 5Page - Analog Devices ADM1185ARMZ Datasheet HTML 6Page - Analog Devices ADM1185ARMZ Datasheet HTML 7Page - Analog Devices ADM1185ARMZ Datasheet HTML 8Page - Analog Devices ADM1185ARMZ Datasheet HTML 9Page - Analog Devices ADM1185ARMZ Datasheet HTML 10Page - Analog Devices ADM1185ARMZ Datasheet HTML 11Page - Analog Devices ADM1185ARMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM1185
Preliminary Technical Data
Rev. PrK | Page 8 of 12
OUT1
OUT2
OUT3
2.5V OUT
1.8V OUT
PWRGD
VIN4
VIN2
VIN3
POWER
GOOD
EN
Regulator1
3.3V IN
EN
OUT
IN
2.5V OUT
EN
OUT
IN
1.8V OUT
OUT
IN
GND
1.2V OUT
1.2V OUT
Regulator2
Regulator3
VCC
VIN1
ADM1185
Figure 5. Applications Diagram showing ADM1185 in a voltage monitoring and sequencing application
State1
IN1=FAULT
IN1=OK
(Delay=100ms min)
IN1=FAULT
IN1=FAULT
IN1=FAULT
Start
State2
State3
State4
State5
OUT1
On
IN2=OK
IN3=OK
IN4=OK
(Delay=100ms min)
OUT1,2
On
OUT1,2,3
On
PWRGD
IN2.IN3.IN3=FAULT
Figure 6. Flow Diagram highlighting the different modes of operation o the logical core
State
State Name
OUT1
OUT2
OUT3
OUT4
Next Event
Next State
1
Reset*
0
0
0
0
IN1 High for 190ms
Out1 On
2
Out1 On
1
0
0
0
IN1 and IN2 High for 30us
Out1,2 On
3
Out1,2 On
1
1
0
0
IN1 and IN3 High for 30us
Out1,2,3 On
4
Out1,2,3 On
1
1
1
0
All High for 190ms
PowerGood
IN2 or IN3 or IN4 Low for
30us
Out1,2,3 On
5
PowerGood
1
1
1
1
IN1 Low for 30 us
Start
Table 4. Truth table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com