Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9313 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 36Page - Renesas Technology Corp DA9313 Datasheet HTML 37Page - Renesas Technology Corp DA9313 Datasheet HTML 38Page - Renesas Technology Corp DA9313 Datasheet HTML 39Page - Renesas Technology Corp DA9313 Datasheet HTML 40Page - Renesas Technology Corp DA9313 Datasheet HTML 41Page - Renesas Technology Corp DA9313 Datasheet HTML 42Page - Renesas Technology Corp DA9313 Datasheet HTML 43Page - Renesas Technology Corp DA9313 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
40 of 57
© 2022 Renesas Electronics
13 Register Definitions
Table 14: Register Map
Addres
s #
Name
7
6
5
4
3
2
1
0
Register Page 0
0x01
VENDORID
VENDORID
0x02
MODE_CTRL
Reserved
AUTOBOOT
RESET_CYCL
E
nONKEY_CYC
LE
MSTSLV_IF_EN
NONKEY_MO
DE
SOFTRESET
SLEEP
0x03
SLEEP_CTRL
Reserved
SL_nONKEY_CO
NT
PVC_DIS_SL
PVC_SL
VDDIO_DIS_
SL
0x04
PVC_CTRL
Reserved
PVC_MODE
PVC_EN
0x05
GPIO_CTRL
Reserved
GPIO_1_PIN
Reserved
GPIO_0_PIN
0x06
GPIO_CTRL_2
GPIO_1_PD
GPIO_1_PU
GPIO_1_MOD
E
GPIO_1_TYPE
GPIO_0_PD
GPIO_0_PU
GPIO_0_MO
DE
GPIO_0_TYP
E
0x07
INTERFACE_CT
RL
WRITE_MOD
E
PM_IF_HSM
PC_DONE
I2C_TO_EN
GPIO_0_DEGLIT
CH
GPI_DEBOUNCE
0x08
NONKEY_CTRL
SHUT_DELAY
KEY_DELAY
NONKEY_PIN
NONKEY_DEBOUNCE
0x09
MASK
Reserved
M_TEMP_WA
RN
M_VBAT_WA
RN
M_nONKEY
M_PVC_OC_WA
RN
M_PVC_PG
M_GPI_1
M_GPI_0
0x0A
STATUS
PVC_OC_WA
RN
TEMP_WARN
VBAT_WARN
Reserved
nONKEY
PVC_PG
GPI_1
GPI_0
0x0B
EVENT
E_KEY_RESE
T
E_TEMP_WA
RN
E_VBAT_WA
RN
E_nONKEY
E_PVC_OC_WA
RN
E_PVC_PG
E_GPI_1
E_GPI_0
0x0C
FAULT_LOG
PVC_RAMPU
P
PD_RESET
GPI_RESET
NONKEY_RES
ET
VBAT_UV_CRIT
PVC_OC_CRI
T
TEMP_CRIT
POR
0x0D
LOCK_REG
LOCK_REG
0x0E
PVC_CONFIG_1
PVC_DROP
PVC_HYST
PVC_MS_DROP
PVC_MS_HYST
0x0F
PVC_CONFIG_2
PVC_SLV_IF_PHASE
Reserved
PVC_ILIM
0x10
PVC_CONFIG_3
PVC_PG_DIS
PVC_PG_ADJ
I_STUP_PVC
0x11
CONFIG_A
VBAT_UV_HYS
VBAT_UV_CRIT_THRSH
0x13
CONFIG_C
VDDIO_EN
FAULT_TIME
VDDIO_CONF
VBAT_UV_WARN
0x14
CONFIG_D
Reserved
IF_BASE_ADDR1
0x30
VARIANT_ID
MRC
VRC
0x31
DEVICE_ID
DEVICE_ID
0x32
CUSTOMER_ID
CUSTOMER_ID
0x33
CONFIG_ID
CONFIG_REV
Table 15: VENDORID 0x01
Bit
Mode
Symbol
Description
Reset
7:0
R/W
VENDORID
Specific vendor ID.
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com