Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9313 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 45Page - Renesas Technology Corp DA9313 Datasheet HTML 46Page - Renesas Technology Corp DA9313 Datasheet HTML 47Page - Renesas Technology Corp DA9313 Datasheet HTML 48Page - Renesas Technology Corp DA9313 Datasheet HTML 49Page - Renesas Technology Corp DA9313 Datasheet HTML 50Page - Renesas Technology Corp DA9313 Datasheet HTML 51Page - Renesas Technology Corp DA9313 Datasheet HTML 52Page - Renesas Technology Corp DA9313 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
49 of 57
© 2022 Renesas Electronics
Table 31: CONFIG_A 0x11
Bit
Mode
Symbol
Description
Reset
7:5
R/W
VBAT_UV_HYS
Programmable hysteresis for the critical
undervoltage threshold:
000: 50 mV
001: 100 mV
010: 150 mV
011: 200 mV
100: 250 mV
101: 300 mV
110: 350 mV
111: 400 mV
0x3
4:0
R/W
VBAT_UV_CRIT_TH
RSH
Note: PVC design requires 5.0 V minimum setting
for correct operation:
00000: 4.60 V
00001: 4.65 V
00010: 4.70 V
00011: 4.75 V
01000: 5.00 V
11100: 6.00 V
11101: 6.05 V
11110: 6.10 V
11111: 6.15 V
0x0
Table 32: CONFIG_C 0x13
Bit
Mode
Symbol
Description
Reset
7
R/W
VDDIO_EN
0: VDDIO LDO disabled, pads supplied from
VCORE
1: VDDIO LDO enabled, pads supplied at level set
via VDDIO_CONF
Note: When VDDIO_EN == 0, open drain GPO
configurations via GPIO_1_PIN or GPIO_0_PIN
valid only
0x1
6:5
R/W
FAULT_TIME
System controller configurable, pause when power
cycling to ensure discharge of all critical nodes in
the application before any attempt to reboot.
00: 0 ms (wait disable)
01: 10 ms
10: 100 ms
11: 500 ms
0x2
4:3
R/W
VDDIO_CONF
Selects the internal generated VDDIO voltage:
00: 1.5 V
01: 1.8 V
10: 2.8 V
11: 3.3 V
0x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com