Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2809B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2809B
Description  ISDN MAGNETICS Global U Interface Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2809B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2809B Datasheet HTML 1Page - Bel Fuse Inc. 2809B Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 10.00
TM00206
T2-13
Global U Interface Transformer
•
Meets the specifications for supplementary insulation per
EN60950 with a working voltage of 250 V
•
UL, CSA, BABT and VDE approved
•
Operating temperature range is –40° C to +85° C
•
Qualified per Bellcore TR-TSY-000357-1
•
Minimum interwinding breakdown voltage of 3000 Vrms
ELECTRICAL SPECIFICATIONS at 25° C
SCHEMATIC
1
4
10
7
2
5
6
9
Primary
Secondary
r
e
b
m
u
N
t
r
a
P
s
C
I
r
e
v
i
e
c
s
n
a
r
T
e
l
b
i
t
a
p
m
o
C
r
f
M
C
I
r
e
b
m
u
N
t
r
a
P
C
I
B
9
0
8
2t
n
e
c
u
L
4
3
2
7
T
7
3
2
7
T
6
5
2
7
T
4
6
2
7
T
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
3
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
i
r
P
c
e
S
B
9
0
8
20
.
1
:
0
5
.
16
70
8
12
.
5
13
.
1
10
5
2
2809B


Similar Part No. - 2809B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2809 EMCORE-2809 Datasheet
321Kb / 2P
77 Channel LDS CATV Optical Receiver
logo
Heyco.
2809 HEYCO-2809 Datasheet
102Kb / 1P
Shorty Bushings
logo
ASSUN MOTOR Pte Ltd.
2809 ASSUN-2809 Datasheet
253Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
logo
Abbatron All Rights Res...
2809 ABBATRON-2809 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Belden Inc.
28090A BELDEN-28090A Datasheet
211Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results

Similar Description - 2809B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2754G2 BEL-2754G2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2771J BEL-2771J Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
logo
Rhombus Industries Inc.
T-1238 RHOMBUS-IND-T-1238 Datasheet
21Kb / 1P
ISDN U-INTERFACE TRANSFORMER
4/28/99
T-1269 RHOMBUS-IND-T-1269 Datasheet
30Kb / 1P
ISDN U-Interface Transformer
9/8/99
T-1280 RHOMBUS-IND-T-1280 Datasheet
22Kb / 1P
ISDN U-INTERFACE TRANSFORMER
8/23/99
logo
PCA ELECTRONICS INC.
EPA3415 PCA-EPA3415 Datasheet
55Kb / 1P
ISDN U-Interface Transformer
EPA3488 PCA-EPA3488 Datasheet
17Kb / 1P
ISDN U-Interface Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com