Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS85D Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HCTS85D
Description  Radiation Hardened 4-Bit Magnitude Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS85D Datasheet(HTML) 5 Page - Renesas Technology Corp

  HCTS85D Datasheet HTML 1Page - Renesas Technology Corp HCTS85D Datasheet HTML 2Page - Renesas Technology Corp HCTS85D Datasheet HTML 3Page - Renesas Technology Corp HCTS85D Datasheet HTML 4Page - Renesas Technology Corp HCTS85D Datasheet HTML 5Page - Renesas Technology Corp HCTS85D Datasheet HTML 6Page - Renesas Technology Corp HCTS85D Datasheet HTML 7Page - Renesas Technology Corp HCTS85D Datasheet HTML 8Page - Renesas Technology Corp HCTS85D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HCTS85MS
FN3059 Rev 1.00
Page 5 of 9
September 1995
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.750
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = VCC/2,
VIL = 0.8V, IOL = 50
A
+25oC-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = VCC/2,
VIL = 0.8V, IOH = -50
A
+25oCVCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
5
A
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 3)
+25oC
---
An to (A>B)OUT
TPHL,
TPLH
VCC = 4.5V
+25oC
2
43
ns
Bn to (A>B)OUT
TPHL,
TPLH
VCC = 4.5V
+25oC
2
66
ns
An, Bn to (A<B)OUT
TPHL,
TPLH
VCC = 4.5V
+25oC
2
51
ns
An, Bn to (A=B)OUT
TPHL,
TPLH
VCC = 4.5V
+25oC
2
50
ns
(A<B)IN to (A<B)OUT
TPHL,
TPLH
VCC = 4.5V
+25oC
2
35
ns
(A>B)IN to (A>B)OUT
TPHL,
TPLH
VCC = 4.5V
+25oC
2
40
ns
(A=B)IN to (A=B)OUT
TPHL,
TPLH
VCC = 4.5V
+25oC
2
37
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
 4.0V is recognized as a logic “1”, and VO  0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
A
IOL/IOH
5
-15% of 0 Hour



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com