Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS85D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCTS85D
Description  Radiation Hardened 4-Bit Magnitude Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS85D Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCTS85D Datasheet HTML 1Page - Renesas Technology Corp HCTS85D Datasheet HTML 2Page - Renesas Technology Corp HCTS85D Datasheet HTML 3Page - Renesas Technology Corp HCTS85D Datasheet HTML 4Page - Renesas Technology Corp HCTS85D Datasheet HTML 5Page - Renesas Technology Corp HCTS85D Datasheet HTML 6Page - Renesas Technology Corp HCTS85D Datasheet HTML 7Page - Renesas Technology Corp HCTS85D Datasheet HTML 8Page - Renesas Technology Corp HCTS85D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3059 Rev 1.00
Page 1 of 9
September 1995
FN3059
Rev 1.00
September 1995
HCTS85MS
Radiation Hardened 4-Bit Magnitude Comparator
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
-Standard Outputs: 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
-VIL = 0.8V Max
-VIH = VCC/2 Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCTS85MS is a Radiation Hardened 4-bit high
speed magnitude comparator. This device compares two
binary, BCD, or other monotonic codes and presents the
three possible magnitude results at the outputs (A>B, A<B,
and A=B). The 4-bit input words are weighted (A0 to A3 and
B0 to B3), where A3 and B3 are the most significant bits.
The HCTS85MS is expandable without external gating, both
serial and parallel operation.
The HCTS85MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family
with TTL input compatibility.
The HCTS85MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE
(SBDIP) MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
(FLATPACK) MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B3
(A<B)IN
(A=B)IN
(A>B)IN
(A<B)OUT
(A=B)OUT
GND
(A>B)OUT
VCC
B2
A2
A1
B1
A0
B0
A3
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
B3
(A<B)IN
(A=B)IN
(A>B)IN
(A<B)OUT
(A=B)OUT
GND
(A>B)OUT
VCC
B2
A2
A1
B1
A0
B0
A3
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS85DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCTS85KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCTS85D/Sample
+25oC
Sample
16 Lead SBDIP
HCTS85K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCTS85HMSR
+25oCDie
Die


Similar Part No. - HCTS85D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS85D INTERSIL-HCTS85D Datasheet
214Kb / 10P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HCTS85D INTERSIL-HCTS85D Datasheet
279Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HCTS85DMSR INTERSIL-HCTS85DMSR Datasheet
214Kb / 10P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HCTS85DMSR INTERSIL-HCTS85DMSR Datasheet
279Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
More results

Similar Description - HCTS85D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
Intersil Corporation
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HCTS85MS INTERSIL-HCTS85MS Datasheet
214Kb / 10P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HCTS85MS INTERSIL-HCTS85MS_02 Datasheet
279Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com