Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5378ABCZ1 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5378ABCZ1
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABCZ1 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5378ABCZ1 Datasheet HTML 10Page - Analog Devices AD5378ABCZ1 Datasheet HTML 11Page - Analog Devices AD5378ABCZ1 Datasheet HTML 12Page - Analog Devices AD5378ABCZ1 Datasheet HTML 13Page - Analog Devices AD5378ABCZ1 Datasheet HTML 14Page - Analog Devices AD5378ABCZ1 Datasheet HTML 15Page - Analog Devices AD5378ABCZ1 Datasheet HTML 16Page - Analog Devices AD5378ABCZ1 Datasheet HTML 17Page - Analog Devices AD5378ABCZ1 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5378
Rev. PrA | Page 14 of 28
Pin
Description
FIFOEN
FIFO Enable. Level sensitive, active high. When connected to DVDD, the internal FIFO is enabled, allowing the user to
write to the device at full speed. FIFO is available in both serial and parallel modes. The FIFOEN pin has an internal
1 MΩ pull-down resistor connected to ground, meaning that the FIFO is disabled by default.
RESET
Asynchronous Digital Reset Input. Falling edge sensitive. If unused, RESET can be left unconnected; an internal pull-
up resistor (1 MΩ) ensures that the RESET input is held high. The function of this pin is equivalent to that of the
power-on reset generator. When this pin is taken low, the AD5378 state machine initiates a reset sequence to digitally
reset the x1, m, c, and x2 registers to their default power-on values. This sequence takes 100 µs (typ). Furthermore, the
input to each of the DAC output buffer stages, VOUT0 to VOUT31, is switched to the externally set potential on the
relevant REFGND pin. During RESET, BUSY goes low and the parallel interface is disabled. All LDAC pulses are ignored
until BUSY goes high. When RESET goes high again, the DAC ouputs remain at REFGND until LDAC is taken low.
REFGNDA1
Reference Ground for DACs 0 to 5. VOUT0 to VOUT5 are referenced to this voltage.
REFGNDA2
Reference Ground for DACs 6 and 7. VOUT6 and VOUT7 are referenced to this voltage.
REFGNDB1
Reference Ground for DACs 8 to 13. VOUT8 to VOUT13 are referenced to this voltage.
REFGNDB2
Reference Ground for DACs 14 and 15. VOUT14 and VOUT15 are referenced to this voltage.
REFGNDC1
Reference Ground for DACs 16 to 21. VOUT16 to VOUT21 are referenced to this voltage.
REFGNDC2
Reference Ground for DACs 22 and 23. VOUT22 and VOUT23 are referenced to this voltage.
REFGNDD1
Reference Ground for DACs 24 to 29. VOUT24 to VOUT29 are referenced to this voltage.
REFGNDD2
Reference Ground for DACs 30 and 31. VOUT30 and VOUT31 are referenced to this voltage.
1 These serial interface signals do not require separate pins, but share parallel interface pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com