Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5378ABCZ1 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5378ABCZ1
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABCZ1 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5378ABCZ1 Datasheet HTML 11Page - Analog Devices AD5378ABCZ1 Datasheet HTML 12Page - Analog Devices AD5378ABCZ1 Datasheet HTML 13Page - Analog Devices AD5378ABCZ1 Datasheet HTML 14Page - Analog Devices AD5378ABCZ1 Datasheet HTML 15Page - Analog Devices AD5378ABCZ1 Datasheet HTML 16Page - Analog Devices AD5378ABCZ1 Datasheet HTML 17Page - Analog Devices AD5378ABCZ1 Datasheet HTML 18Page - Analog Devices AD5378ABCZ1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 15 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
8
6
24
010
12
1
AD5378 CODE (103)
4
16
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
TA = 25°C
Figure 8. Typical INL Plot
0
200
400
600
800
1000
1200
1400
–1
0
–3
–2
1
2
3
INL ERROR (LSB)
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
Figure 9. INL Error Distribution
(−40°C, +25°C, +85°C Superimposed)
–3
–2
–1
0
1
2
3
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
TMAX = 85°C
Figure 10. Typical INL Error vs. Temperature
–4
–3
–2
–1
0
1
2
3
40
20
–20
0
–40
60
80
TEMPERATURE (°C)
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
TMAX = 85°C
FS
ZC
Figure 11. Typical Full-Scale and Zero-Scale Errors vs. Temperature
18.1
18.2
18.3
18.4
18.5
18.6
18.7
18.8
18.9
19.0
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
VDD (V)
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
–40°C
+25°C
+85°C
Figure 12. IDD vs. VDD over Temperature
–15.8
–15.6
–15.4
–15.2
–15.0
–14.8
–14.6
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
VDD (V)
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
–40°C
+25°C
+85°C
Figure 13. ISS vs. VDD over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com