Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 238 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 238 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 234Page - Microchip Technology DSPIC30F Datasheet HTML 235Page - Microchip Technology DSPIC30F Datasheet HTML 236Page - Microchip Technology DSPIC30F Datasheet HTML 237Page - Microchip Technology DSPIC30F Datasheet HTML 238Page - Microchip Technology DSPIC30F Datasheet HTML 239Page - Microchip Technology DSPIC30F Datasheet HTML 240Page - Microchip Technology DSPIC30F Datasheet HTML 241Page - Microchip Technology DSPIC30F Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 248 page
background image
dsPIC30F
DS70083G-page 236
Preliminary
 2004 Microchip Technology Inc.
80-Lead Plastic Thin Quad Flatpack (PF) 14x14x1 mm Body, 1.0/0.10 mm Lead Form (TQFP)
* Controlling Parameter
Notes:
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-026
Drawing No. C04-092
CH
Pin 1 Corner Chamfer
1.00
.039
(F)
Footprint (Reference)
(F)
E
E1
#leads=n1
p
B
D1
D
n
1
2
φ
c
β
L
A
A1
A2
α
Units
INCHES
MILLIMETERS*
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
80
80
Pitch
p
.026
0.65
Overall Height
A
.047
1.20
Molded Package Thickness
A2
.037
.039
.041
0.95
1.00
1.05
Standoff
§
A1
.002
.006
0.05
0.15
Foot Length
L
.018
.024
.030
0.45
0.60
0.75
Foot Angle
φ
0
7
0
7
Overall Width
E
.630
16.00
Overall Length
D
.630
16.00
Molded Package Width
E1
.551
14.00
Molded Package Length
D1
.
.551
14.00
Pins per Side
n1
20
20
Lead Thickness
c
.004
.008
0.09
0.20
Lead Width
B
.009
.013
.015
0.22
0.32
0.38
Mold Draft Angle Top
α
11
13
11
13
Mold Draft Angle Bottom
β
11
13
11
13
CH x 45
°
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com