| Electronic Components Datasheet Search |
|
DSPIC30F Datasheet(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F Datasheet(HTML) 51 Page - Microchip Technology |
|
51 / 248 page ![]() 2004 Microchip Technology Inc. Preliminary DS70083G-page 49 dsPIC30F 4.3 Instruction Stalls 4.3.1 INTRODUCTION In order to maximize data space, EA calculation and operand fetch time, the X data space read and write accesses are partially pipelined. The latter half of the read phase overlaps the first half of the write phase of an instruction, as shown in Section 2.0. Address register data dependencies, also known as ‘Read After Write’ (RAW) dependencies may, there- fore, arise between successive read and write opera- tions using common registers. They occur across instruction boundaries and are detected by the hardware. An example of a RAW dependency is a write operation (in the current instruction) that modifies W5, followed by a read operation (in the next instruction) that uses W5 as a source address pointer. W5 will not be valid for the read operation until the earlier write completes. This problem is resolved by stalling the instruction exe- cution for one instruction cycle, thereby allowing the write to complete before the next read is started. 4.3.2 RAW DEPENDENCY DETECTION During the instruction pre-decode, the core determines if any address register dependency is imminent across an instruction boundary. The stall detection logic com- pares the W register (if any) used for the destination EA of the instruction currently being executed, with the W register to be used by the source EA (if any) of the pre- fetched instruction. As the W registers are also memory mapped, the stall detection logic also derives an SFR address from the W register being used by the destina- tion EA, and determines whether this address is being issued during the write phase of the instruction currently being executed. When it observes a match between the destination and source registers, a set of rules is applied to decide whether or not to stall the instruction by one cycle. Table 4-2 lists out the various RAW conditions which cause an instruction execution stall. TABLE 4-2: RAW DEPENDENCY RULES (DETECTION BY HARDWARE) Destination Addressing Mode Using Wn Source Addressing Mode Using Wn Status Examples (Wn = W2) Direct Direct No Stall ADD.w W0, W1, W2 MOV.w W2, W3 Direct Indirect Stall ADD.w W0, W1, W2 MOV.w [W2], W3 Direct Indirect with Pre- or Post-Modification Stall ADD.w W0, W1, W2 MOV.w [W2++], W3 Indirect Direct No Stall ADD.w W0, W1, [W2] MOV.w W2, W3 Indirect Indirect No Stall ADD.w W0, W1, [W2] MOV.w [W2], W3 Indirect Indirect Stall ADD.w W0, W1, [W2] ; W2=0x0004 (mapped W2) MOV.w [W2], W3 ; (i.e. if W2 = addr. of W2) Indirect Indirect with Pre- or Post-Modification No Stall ADD.w W0, W1, [W2] MOV.w [W2++], W3 Indirect Indirect with Pre- or Post-Modification Stall ADD.w W0, W1, [W2] ; W2=0x0004 (mapped W2) MOV.w [W2++], W3 ; (i.e. if W2 = addr. of W2) Indirect with Pre- or Post-Modification Direct No Stall ADD.w W0, W1, [W2++] MOV.w W2, W3 Indirect with Pre- or Post-Modification Indirect Stall ADD.w W0, W1, [W2++] MOV.w [W2], W3 Indirect with Pre- or Post-Modification Indirect with Pre- or Post-Modification Stall ADD.w W0, W1, [W2++] MOV.w [W2++], W3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |