Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 247 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 247 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 240Page - Microchip Technology DSPIC30F Datasheet HTML 241Page - Microchip Technology DSPIC30F Datasheet HTML 242Page - Microchip Technology DSPIC30F Datasheet HTML 243Page - Microchip Technology DSPIC30F Datasheet HTML 244Page - Microchip Technology DSPIC30F Datasheet HTML 245Page - Microchip Technology DSPIC30F Datasheet HTML 246Page - Microchip Technology DSPIC30F Datasheet HTML 247Page - Microchip Technology DSPIC30F Datasheet HTML 248Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 247 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 245
dsPIC30F
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Examples:
a) dsPIC30F2011AT-E/SO = Extended temp., SOIC package, Rev. A.
b) dsPIC30F5011AT-I/PT = Industrial temp., TQFP package, Rev. A.
c) dsPIC30F3012AT-I/P = Industrial temp., DIP package, Rev. A.
dsPIC30F4013AT-30I/ P-ES
Trademark
Architecture
Flash
E = Extended High Temp -40°C to +125°C
I = Industrial -40°C to +85°C
Temperature
Device ID
Package
PT = TQFP 10x10
PT = TQFP 12x12
PF = TQFP 14x14
P= DIP
SO = SOIC
SP = SPDIP
ML = QFN 6x6 or 8x8
S
= Die (Waffle Pack)
W
= Die (Wafers)
Memory Size in Bytes
0 = ROMless
1 = 1K to 6K
2 = 7K to 12K
3 = 13K to 24K
4 = 25K to 48K
5 = 49K to 96K
6 = 97K to 192K
7 = 193K to 384K
8 = 385K to 768K
9 = 769K and Up
Custom ID (3 digits) or
T = Tape and Reel
A,B,C… = Revision Level
Engineering Sample (ES)
Speed
20 = 20 MIPS
30 = 30 MIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com