Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0045 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP0045
Description  1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0045 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP0045 Datasheet HTML 2Page - Renesas Technology Corp HIP0045 Datasheet HTML 3Page - Renesas Technology Corp HIP0045 Datasheet HTML 4Page - Renesas Technology Corp HIP0045 Datasheet HTML 5Page - Renesas Technology Corp HIP0045 Datasheet HTML 6Page - Renesas Technology Corp HIP0045 Datasheet HTML 7Page - Renesas Technology Corp HIP0045 Datasheet HTML 8Page - Renesas Technology Corp HIP0045 Datasheet HTML 9Page - Renesas Technology Corp HIP0045 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HIP0045
FN4047 Rev 12.00
Page 6 of 10
Apr 1999
Signal Pin Descriptions
Power Output Drivers, OUT0 - OUT7 - The input and output
bits corresponding to Output 0 thru Output 7 are transmitted
and received most significant bit (MSB) first via the SPI bus.
Outputs OUT0 - 5 are provided with over-current shutdown.
Current Limiting and Thermal Shutdown are provided on
OUT6, 7 for application use as Lamp Drivers. After a fault
shutdown, the control lines remain active. The fault latches
must be cleared by turning the output off and on to reset the
output to an ON state. OUT1, 2 latches may be cleared by the
RESET pin.
RESET - Active low reset input. An internal pull-up is provided
on-chip. When this input line is low, all output drivers are
turned-off and the OUT1, 2 fault latches are cleared. An
internal low voltage reset is ORed with the RESET input. When
VCC is less than VLCC_RST, the internal reset is active.
CE - Active low chip enable. The falling edge of CE loads the
shift register with the output status bits. Data is transferred from
the shift register to the outputs on the rising edge of CE. The
output driver for the MISO pin is enabled when CE goes low. CE
must be a logic low prior to the first serial clock (SCK) and must
remain low until after the last (eighth) serial clock cycle. All eight
MOSI bits of input data must be loaded in the same sequence of
SCK clock input. A digital filter is used in the CE line to insure
that 8 (or a multiple of 8) clock cycles occurs while CE is active
low. After SCK is low for a short period, tLAG; CE may be
changed from low to high to latch the input data. A low level on
CE also activates an internal disable circuit used for unlatching
output states that are in a fault mode as sensed by an out of
saturation condition. A high on CE forces MISO to a high
impedance state. Also, when CE is high, the octal driver ignores
the SCK and MOSI signals.
IN0, 1 - IN0 and IN1 are Channels 0 and 1 direct parallel input
controls. Refer to ‘Special Input Conditions for Channel 0, 1‘ in
the following text.
SCK, MISO, MOSI - Refer to the ‘Serial Peripheral Interface’
(SPI) section in the following text.
Serial Peripheral Interface (SPI)
The Serial Peripheral Interface (SPI) is a serial synchronous
bus for control and data transfers. The Clock (SCK), which is
generated by the microcomputer, is active only during data
transfers. In systems using CDP68HC05 family
microcomputers, the inactive clock polarity is determined by
the CPOL bit in the microcomputer’s control register. The
CPOL bit is used in conjunction with the clock phase bit, CPHA
to produce the desired clock data relationship between the
microcomputer and octal driver. The CPHA bit in general
selects the clock edge which captures data and allows it to
change states. For the HIP0045, the CPOL bit must be set to a
logic zero and the CPHA bit to a logic one. Configured in this
manner, MISO (output) data will appear with every rising edge
of the SCK clock pulse, and MOSI (input) data will be latched
into the shift register with every falling edge of the SCK clock
pulse. Also, the steady state value of the inactive serial clock,
SCK, will be at a low level. Timing diagrams for the serial
peripheral interface are shown in Figure 1.
SPI Signal Descriptions
MOSI (Master Out/Slave In) - Serial data input. Data bytes are
shifted in at this pin, most significant bit (MSB) first. The data is
passed directly to the shift register which in turn controls the
latches and output drivers.
MISO (Master In/Slave Out) - Serial data output. Data bytes
are shifted out at this pin, most significant bit (MSB) first. This
pin is the serial output from the shift register and is three stated
when CE is high. Diagnostic Failure Register information is
given in Tables 6 and 7. Determination of the fault condition
may be done as a software sequence, based on MOSI data
latched into the shift register and subsequent data clocked out
of the MISO pin.
FIGURE 2. BYTE TIMING DIAGRAM WITH ASYNCHRONOUS RESET
Timing Diagrams (Continued)
OLD
NEW
FAULTS
RESET
7
654
32
10
7
654
32
10
RESET
CE
SCK
MOSI
MISO
OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com