Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0050IB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP0050IB
Description  0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0050IB Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP0050IB Datasheet HTML 1Page - Renesas Technology Corp HIP0050IB Datasheet HTML 2Page - Renesas Technology Corp HIP0050IB Datasheet HTML 3Page - Renesas Technology Corp HIP0050IB Datasheet HTML 4Page - Renesas Technology Corp HIP0050IB Datasheet HTML 5Page - Renesas Technology Corp HIP0050IB Datasheet HTML 6Page - Renesas Technology Corp HIP0050IB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN4034 Rev 0.00
Page 1 of 7
December 1996
FN4034
Rev 0.00
December 1996
HIP0050
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current
Fault Flag
DATASHEET
Description
The HIP0050 is a logic controlled, eight channel Octal Low Side
Power Driver. As shown in the block diagram, the outputs are con-
trolled via the serial data interface which allows the data to be
shifted out, allowing control of other cascaded serial devices. If an
Over-Current (OC) short circuit exists in one output, it may be inde-
pendently shutdown while the other outputs remain in operation.
When a shorted output is latched off, it may be turned back on when
the next serial input data is latched. A fault flag (FLT) is set to a low
status to indicate current-limited shutdown. The outputs are inde-
pendently latched off when an OC fault is detected. The fault latch is
cleared on the next data strobe. Over-Temperature (OT) shutdown
is provided with hysteresis to force global shutdown of all output
drivers. Shutdown is maintained until the on-chip temperature falls
below the minimum hysteresis threshold point.
The HIP0050 is fabricated in a Power BiMOS IC process, and is
intended for use in automotive and other applications having a wide
range of temperature and electrical stress conditions. It is particularly
suited for driving lamps, displays, relays, and solenoids in applications
where low operating power, high breakdown voltage, and high out-
put current at high temperature is required. Higher current needs
can be met by paralleling adjacent output drivers
.
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIP050IP
-40 to 85
20 Ld PDIP
E20.3
HIP0050IB
-40 to 85
24 Ld SOIC
M24.3
Features
• Octal NDMOS Output Drivers in a High Voltage
Power BiMOS Process
- Each Capable of Sinking 300mA
- Low Idle and Standby Current
• Over-Stress Protection - Each Output:
- Over-Current Latch Off . . . . . . . . . 300mA Min
- Over-Voltage Clamp . . . . . . . . . . . . . . . 50V Typ
• Thermal Shutdown with Hysteresis
• Serial Data Input, Parallel Output Power Drive
• Short Circuit Latch Off for Each Output
• Common Enable for Output Drivers and
Data Storage Register
• Ambient Operating
Temperature Range. . . . . . . . . . . . .-40oC to 85oC
- Optional 125oC Maximum Ambient Operating
Temperature Range (Dissipation Limited)
Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and
P Controlled Drivers
• Robotic Controls
Pinouts
HIP0050
(PDIP)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DR2
DR3
FLT
EN
GND
GND
SCK
STR
DR4
DR5
DR1
SI
VCC
GND
DR0
GND
LGND
SO
DR7
DR6
HIP0050
(SOIC)
TOP VIEW
DR2
DR3
FLT
EN
GND
GND
GND
GND
STR
SCK
DR4
DR5
DR1
SI
VCC
GND
GND
GND
SO
DR7
DR6
DR0
GND
LGND
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13


Similar Part No. - HIP0050IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0050IB INTERSIL-HIP0050IB Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
More results

Similar Description - HIP0050IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
Fault Flag Reporting
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com