Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0081AS1 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP0081AS1
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0081AS1 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP0081AS1 Datasheet HTML 6Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 7Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 8Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 9Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 10Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 11Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 12Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 13Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HIP0080, HIP0081
FN3018 Rev 5.00
Page 13 of 14
November 2000
Single-In-Line Plastic Packages (SIP)
D
E1
R1
e
-Y-
e3
0.010
Z X
M
S Y M
B TYP
15 LEAD TIPS
0o- 8o
HEADER
BOTTOM
0.004
0.008 Z
15
E2
E
F
A
-X-
-Z-
C
(NOTE 3)
SURFACES
L
L1
ØP
BOTTOM VIEW
0.814
0.407
OF 0.150
CL
0.130
0.700
0.774
0.662
0.030 TYP
0.050 TYP
0.350
0.700
LAND PATTERN
Z15.05B
15 LEAD PLASTIC SINGLE-IN-LINE PACKAGE SURFACE
MOUNT “GULLWING” LEAD FORM
SYMBOL
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.172
0.182
4.37
4.62
B
0.024
0.031
0.61
0.79
C
0.018
0.024
0.46
0.61
D
0.778
0.798
19.76
20.27
E
0.684
0.694
17.37
17.63
E1
0.416
0.426
10.57
10.82
E2
0.110 BSC
2.79 BSC
e
0.050 BSC
1.27 BSC
e3
0.700 BSC
17.78 BSC
F
0.057
0.063
1.45
1.60
L
0.065
0.080
1.66
2.03
L1
0.098
0.108
2.49
2.74
N15
15
ØP
0.148
0.152
3.76
3.86
R1
0.065
0.080
1.65
2.03
Rev. 1 11/97
NOTES:
1. Dimensioning and Tolerancing per ANSI Y14.5M - 1982.
2. N is the number of terminals.
3. All lead surfaces are within 0.004 inch of each other. No lead can
be more than 0.004 inch above or below the header plane,
(
Datum).
4. Controlling dimension: INCH.
-Z-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com