Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0081AS1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP0081AS1
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0081AS1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP0081AS1 Datasheet HTML 1Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 2Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 3Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 4Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 5Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 6Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 7Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 8Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HIP0080, HIP0081
FN3018 Rev 5.00
Page 2 of 14
November 2000
Functional Block Diagram
NOTE: HIP0080 - No enable hysteresis.
Pinouts
HIP0081 (SIP)
TOP VIEW
HIP0080 (PLCC)
TOP VIEW
HEAT SINK TAB AT SAME
POTENTIAL AS PIN 8-GND
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18
19
20
21
22
23
24
25
26
27
28
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
OUT1
TEMP.
SENSE
S.C.
DR1-CNTL
G.S.
O.L.
500kHz OSC
1 OF 4 SWITCH/CHANNELS
DATAIN
CS
CLK
DATAOUT
IN1
ENABLE
COMP
COMP
VREF
O.L.
VREF
G.S.
VREF
ISC
LIMIT
BANDGAP
CONTROL AND 16-BIT
REF. AND BIAS
VOLTAGE
VCC
VCC1
GND
POR
POR
EN
FCLK
0.01
(FILTER-FCLK)
FILTER
FILTER
FILTER
COMP
SOURCES
EN
(PWR-ON-RST)
SC
TS
DR
DO
14V
74V
LOW IDLE CURRENT
POWER DOWN SWITCH
(HIP0080 ONLY)
VCC1
100k
100k
DIAGNOSTIC SHIFT
REGISTER
(NOTE)
VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com