Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6019 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6019
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6019 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6019 Datasheet HTML 1Page - Renesas Technology Corp HIP6019 Datasheet HTML 2Page - Renesas Technology Corp HIP6019 Datasheet HTML 3Page - Renesas Technology Corp HIP6019 Datasheet HTML 4Page - Renesas Technology Corp HIP6019 Datasheet HTML 5Page - Renesas Technology Corp HIP6019 Datasheet HTML 6Page - Renesas Technology Corp HIP6019 Datasheet HTML 7Page - Renesas Technology Corp HIP6019 Datasheet HTML 8Page - Renesas Technology Corp HIP6019 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN4490 Rev 2.00
Page 1 of 15
April 1998
FN4490
Rev 2.00
April 1998
HIP6019
Advanced Dual PWM and Dual Linear Power Control
DATASHEET
The HIP6019 provides the power control and protection for four
output voltages in high-performance microprocessor and
computer applications. The IC integrates two PWM controllers,
a linear regulator and a linear controller as well as the
monitoring and protection functions into a single 28 lead SOIC
package. One PWM controller regulates the microprocessor
core voltage with a synchronous-rectified buck converter, while
the second PWM controller supplies the computer’s 3.3V
power with a standard buck converter. The linear controller
regulates power for the GTL bus and the linear regulator
provides power for the clock driver circuits.
The HIP6019 includes an Intel-compatible, TTL 5-input digital-
to-analog converter (DAC) that adjusts the core PWM output
voltage from 2.1VDC to 3.5VDC in 0.1V increments and from
1.8VDC to 2.05VDC in 0.05V steps. The precision reference
and voltage-mode control provide
1% static regulation. The
second PWM controller is user-adjustable for output levels
between 3.0V and 3.5V with
2% accuracy. The adjustable
linear regulator uses an internal pass device to provide 2.5V
2.5%. The adjustable linear controller drives an external N-
Channel MOSFET to provide 1.5V
2.5%.
The HIP6019 monitors all the output voltages. A single Power
Good signal is issued when the core is within
10% of the DAC
setting and the other levels are above their under- voltage
levels. Additional built-in over-voltage protection for the core
output uses the lower MOSFET to prevent output voltages
above 115% of the DAC setting. The PWM controller’s over-
current functions monitor the output current by sensing the
voltage drop across the upper MOSFET’s rDS(ON), eliminating
the need for a current sensing resistor.
Pinout
HIP6019 (SOIC)
TOP VIEW
Features
• Provides 4 Regulated Voltages
- Microprocessor Core, I/O, Clock Chip and GTL Bus
• Drives N-Channel MOSFETs
• Operates from +5V and +12V Inputs
• Simple Single-Loop Control Designs
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifiers
- Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
- Core PWM Output:
1% Over Temperature
- I/O PWM Output:
2% Over Temperature
- Other Outputs:
2.5% Over Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Core Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.8VDC to 3.5VDC
- 0.1V Steps . . . . . . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
- 0.05V Steps . . . . . . . . . . . . . . . . . . 1.8VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Microprocessor Core Voltage Protection Against Shorted
MOSFET
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable from
50kHz to 1MHz
Applications
• Full Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies
UGATE2
PHASE2
VID4
VID3
FB2
COMP2
SS
FAULT/RT
FB4
VCC
PGND
LGATE1
PHASE1
GATE3
COMP1
GND
VOUT4
VSEN2
UGATE1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGOOD
VID2
OCSET2
VSEN1
FB3
VID1
VID0
OCSET1
FB1
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
HIP6019CB
0 to 70
28 Ld SOIC
M28.3
HIP6019EVAL1
Evaluation Board


Similar Part No. - HIP6019

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
logo
International Rectifier
HIP6019 IRF-HIP6019 Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6019B INTERSIL-HIP6019B Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
logo
Renesas Technology Corp
HIP6019B RENESAS-HIP6019B Datasheet
770Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
More results

Similar Description - HIP6019

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B_05 Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6019B RENESAS-HIP6019B Datasheet
770Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com