Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6019 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP6019
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6019 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP6019 Datasheet HTML 7Page - Renesas Technology Corp HIP6019 Datasheet HTML 8Page - Renesas Technology Corp HIP6019 Datasheet HTML 9Page - Renesas Technology Corp HIP6019 Datasheet HTML 10Page - Renesas Technology Corp HIP6019 Datasheet HTML 11Page - Renesas Technology Corp HIP6019 Datasheet HTML 12Page - Renesas Technology Corp HIP6019 Datasheet HTML 13Page - Renesas Technology Corp HIP6019 Datasheet HTML 14Page - Renesas Technology Corp HIP6019 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HIP6019
FN4490 Rev 2.00
Page 13 of 15
April 1998
removal of load and dependent upon the output voltage setting.
Be sure to check both of these equations at the minimum and
maximum output levels for the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum input
voltage and a voltage rating of 1.5 times is a conservative
guideline.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance for
the high frequency decoupling and bulk capacitors to supply
the RMS current. Small ceramic capacitors should be placed
very close to the upper MOSFET to suppress the voltage
induced in the parasitic circuit impedances.
For a through hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX
or equivalent) may be needed. For surface mount designs,
solid tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating.
These capacitors must be capable of handling the surge-
current at power-up. The TPS series available from AVX, and
the 593D series from Sprague are both surge current tested.
MOSFET Selection/Considerations
The HIP6019 requires 4 N-Channel power MOSFETs. Two
MOSFETs are used in the synchronous-rectified buck topology
of PWM1 converter. PWM2 converter uses a MOSFET as the
buck switch and the linear controller drives a MOSFET as a
pass transistor. These should be selected based upon
rDS(ON), gate supply requirements, and thermal management
requirements.
PWM1 MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the dominant
design factors. The power dissipation includes two loss
components; conduction loss and switching loss. These losses
are distributed between the upper and lower MOSFETs
according to duty factor (see the equations below). The
conduction losses are the only component of power dissipation
for the lower MOSFETs. Only the upper MOSFET has
switching losses, since the lower device turns on into near zero
voltage.
The equations below assume linear voltage-current transitions
and do not model power loss due to the reverse-recovery of
the lower MOSFET’s body diode. The gate-charge losses are
proportional to the switching frequency (FS) and are dissipated
by the HIP6019, thus not contributing to the MOSFETs’
temperature rise. However, large gate charge increases the
switching interval, tSW which increases the upper MOSFET
switching losses. Ensure that both MOSFETs are within their
maximum junction temperature at high ambient temperature by
calculating the temperature rise according to package thermal
resistance specifications. A separate heatsink may be
necessary depending upon MOSFET power, package type,
ambient temperature and air flow.
The rDS(ON) is different for the two previous equations even if
the type device is used for both. This is because the gate drive
applied to the upper MOSFET is different than the lower
MOSFET. Figure 14 shows the gate drive where the upper
gate-to-source voltage is approximately VCC less the input
supply. For +5V main power and +12VDC for the bias, the
gate-to-source voltage of Q1 is 7V. The lower gate drive
voltage is +12VDC. A logic-level MOSFET is a good choice for
Q1 and a logic-level MOSFET can be used for Q2 if its
absolute gate-to-source voltage rating exceeds the maximum
voltage applied to VCC.
Rectifier CR1 is a clamp that catches the negative inductor
swing during the dead time between the turn off of the lower
MOSFET and the turn on of the upper MOSFET. The diode
must be a Schottky type to prevent the lossy parasitic
MOSFET body diode from conducting. It is acceptable to omit
the diode and let the body diode of the lower MOSFET clamp
the negative inductor swing, but efficiency might drop one or
two percent as a result. The diode's rated reverse breakdown
voltage must be greater than twice the maximum input voltage.
PWM2 MOSFET and Schottky Selection
The power dissipation in PWM2 converter power devices is
similar to PWM1 except that the power losses of the lower
device are representative of a Schottky diode instead of a
MOSFET. The transistor power losses follow the PWM1 upper
MOSFET equation, so the selection process should be
PUPPER
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FS
2
----------------------------------------------------
+
=
PLOWER
IO
2
rDS ON

VIN VOUT
–

VIN
---------------------------------------------------------------------------------
=
+12V
PGND
HIP6019
GND
LGATE
UGATE
PHASE
VCC
+5V OR LESS
NOTE:
NOTE:
VGS VCC
Q1
Q2
+
-
FIGURE 14. OUTPUT GATE DRIVERS
VGS VCC -5V
CR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com