Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2210EVAL1Z Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HIP2210EVAL1Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2210EVAL1Z Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HIP2210EVAL1Z Datasheet HTML 15Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 16Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 17Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 18Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 19Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 20Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 21Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 22Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
HIP2210, HIP2211
5. Applications Information
FN9347 Rev.1.01
Page 19 of 27
Jun.23.20
dependent on the transitioning VREF voltage. The PWM open-circuit voltage is referenced to 50% of the VREF
voltage. The high impedance voltage divider resistors on the PWM pin coupled with the internal pin capacitance
form an RC circuit. During the transient turn-on and turn-off of VREF, the PWM pin open-circuit floating voltage
rises to (and falls from) 50% of VREF with an RC time constant delay relative to VREF voltage. Depending on the
dv/dt of VREF, the PWM open-circuit floating voltage can lag VREF. When PWM lags behind VREF, the PWM
comparators can see logic low on VREF turn-on (and therefore LO turns on) and see logic high on VREF turn-off
(and therefore HO turns on) until the PWM voltage falls into the mid-level logic window or VREF hits its UVLO
threshold. Although the HO/LO transitions in response to VREF ON and OFF do not violate driver operation or
produce bridge shoot through, it is not a desired transient response.
Therefore, the recommended operation of HIP2210 is to externally control the EN pin logic input such that VDD
and VREF voltages are stabilized before enabling the driver or the driver is disabled first before turning off VDD
and VREF. The VREF pin can also be tied to the bias voltage for the PWM output of the controlling MCU.
For EN = VDD applications, several options can be considered to mitigate the potential issue:
• External pull-up and pull-down resistors (such as 22kΩ) on the PWM pin to reduce the overall resistance and
the lag of the PWM voltage behind VREF
• Slower rise/fall time (1-2µs) on VREF to allow the PWM floating pin to track VREF
5.6
Selecting the Boot Capacitor Value
To provide the proper gate drive to the high-side FET, the high-side driver bias on the HIP2210 and HIP2211 is
handled with a bootstrap capacitor across the HB and HS pins. The boot capacitor is recharged whenever the HS
pin voltage goes low and forward biases the boot diode across VDD to HB. Select the boot capacitor based on the
total Qgs of the high-side NMOS FETs, switching frequency, VDD supply, and the total boot impedance, including
the dynamic resistance of the boot diode. Connect the boot capacitor close to the HIP2210/HIP2211 HB and HS
pins. A low ESL, high-frequency X7R or better ceramic capacitor is recommended.
The boot capacitor value is chosen not only to supply the internal bias current of the high-side driver but also more
significantly, to provide the gate charge of the high-side driven NMOS FET without causing the boot voltage to sag
excessively. To ensure the proper value of the bootstrap capacitor is selected, the following guideline provides
equations for calculating the boot capacitance needed.
•VDD = Driver bias charging supply
• ΔVBOOT = Maximum allowable voltage dip to ensure proper function; generally 500mV
•VHB = VDD -0.7V = VHO = Boot voltage and high-side driver bias voltage, referenced to HS
•tON = Longest on-time of the high-side; for simplicity assume the entire switching period tON = 1/ fSW
•QGS_MAX = Maximum gate charge, from NMOS FET datasheet
•IGS_LKG = Maximum NMOS FET gate-source leakage current, from NMOS FET datasheet
•RGS = Minimum gate-source discharge resistance; usually not less than 10kΩ
•IHBQ = Boot quiescent current with HI = 1 or PWM = 1
The minimum CBOOT capacitance required to ensure proper functionality becomes dependent on the total charge
required during the on state of the high side when the CBOOT is not charging, along with the allowable change in
voltage of the boot.
Equation 1 calculates the total charge required for one switching cycle of the high-side NMOS FET.
Equation 2 calculates the boot capacitor needed to support the total charge and allowable boot voltage dip
requirements:
(EQ. 1)
QTOTAL
QGS_MAX
IGS_LKG IHBQ
VHO
RGS
------------
++



tON
+
=
(EQ. 2)
CBOOT
QTOTAL
V
BOOT
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com