Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2210EVAL1Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HIP2210EVAL1Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2210EVAL1Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HIP2210EVAL1Z Datasheet HTML 16Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 17Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 18Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 19Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 20Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 21Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 22Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 23Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
HIP2210, HIP2211
5. Applications Information
FN9347 Rev.1.01
Page 20 of 27
Jun.23.20
5.7
VDD Decoupling Capacitor
For VDD decoupling, Renesas recommends selecting a capacitor that is at least 10x the value of the boot
capacitor. In addition, place a low ESL, high-frequency, X7R or better ceramic capacitor of 1nF to 10nF close to
the HIP2210/HIP2211 VDD and VSS pins for high-frequency decoupling.
5.8
RDT and Dead Time Delay (HIP2210 Only)
The PWM function of the HIP2210 inherently prevents driver input shoot-through conditions by allowing only one
driver that is sourcing output to be active at one time. However, because NMOS FET gate-source capacitance
causes FET turn-on/off times to be delayed, it is necessary to have some extra dead time at the driver outputs to
prevent shoot-through conditions. The HIP2210 implements programmable dead time through the RDT pin
function.
A resistor on the RDT pin to VSS sets the HIP2210 adjustable dead time delay. The delay is between the
following:
• The falling edge of the LO output to the rising edge of the HO output
• The falling edge of the HO output to the rising edge of the LO output
The propagation delay from the PWM input to the falling edge on LO or HO is not affected by the adjustable dead
time delay circuit. For example, when PWM goes high, LO goes low from the PWM with the LO propagation delay
and HO goes high after the dead time delay set by the RDT resistor. Similarly, when PWM goes low, HO goes low
from the PWM with the HO propagation delay and LO goes high after the dead time delay set by the RDT
resistor.
The recommended resistance range on RDT pin to VSS is 10kΩ to 100kΩ, which sets a dead time delay range
typically of 35ns to 350ns. If resistance is less than 1kΩ, the adjustable dead time delay is disabled and the
nominal dead time delay on the rising edge is 15ns. Renesas recommends shorting the RDT pin to VSS to
disable the adjustable delay function. The dead time delay set by the RDT resistor is adjustable on the fly in
operation except for the disabled condition, where the disabled state is detected and latched in on POR and
resets after going through UVLO. Resistance values outside of 10kΩ to 100kΩ produce a faster or slower dead
time delay beyond the 35ns to 350ns range but the accuracy and matching performance is not guaranteed.
A 1.2V reference on the RDT pin drives a current through the RDT resistor. The current is mirrored and drives an
internal oscillator to set the dead time delay.
Note: Because the RDT pin signal is analog, as the RDT resistance is increased, the sensitivity to parasitic
capacitive and inductive pickup increases. When laying out the PCB, keep high dv/dt nodes away from the RDT
pin and resistor. Guard ringing and/or shielding can also be used to shunt away dv/dt injected currents.
5.9
HO and LO Outputs
The HO and LO driver outputs can source 3A peak and sink 4A peak currents for driving capacitive loads such as
the NMOS gate-source terminals. The strong gate drive allows low rDS(ON), high Qgs FETs to be switched on and
off quickly with minimal switching loss during the voltage and current cross-over region at the NMOS FET drain
and source.
The fast propagation delay (15ns typical) and excellent delay matching (2ns typical) supports wide duty cycle and
high-frequency applications robustly up to 1MHz.
Additionally, the LO pin has a pull-down impedance to VSS of 140kΩ and the HO pin has a pull-down impedance
to HS of 450kΩ. These internal pull-down resistors prevent charge accumulation at the external NMOS FET gate-
source capacitance that would turn on the FETs when there is no VDD bias on the HIP2210/HIP2211 driver,
preventing a possible shoot-through condition at initial power-up.
5.10 Power Dissipation
The power dissipation of the HIP2210/HIP2211 is typically dominated by the gate charge required by the driven
bridge MOSFETs and the switching frequency. The internal bias, boot diode, and MOSFET gate leakage also
contribute to the total dissipation, but these losses are usually less significant compared to the switching gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com