Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840272I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS840272I
Description  Synchronous Ethernet Frequency Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS840272I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS840272I Datasheet HTML 9Page - Renesas Technology Corp ICS840272I Datasheet HTML 10Page - Renesas Technology Corp ICS840272I Datasheet HTML 11Page - Renesas Technology Corp ICS840272I Datasheet HTML 12Page - Renesas Technology Corp ICS840272I Datasheet HTML 13Page - Renesas Technology Corp ICS840272I Datasheet HTML 14Page - Renesas Technology Corp ICS840272I Datasheet HTML 15Page - Renesas Technology Corp ICS840272I Datasheet HTML 16Page - Renesas Technology Corp ICS840272I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ICS840272I DATA SHEET
REVISION A 06/19/14
13
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS840272I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS840272I is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
•
Power (core)MAX =VDD_MAX *(IDD +IDDA+IDDO) = 3.465V *(57mA + 11mA + 5mA) = 252.9mW
•
Output Impedance ROUT Power Dissipation due to Loading 50 to VDD/2
Output Current IOUT =VDD_MAX /[2*(50 +ROUT)] = 3.465V / [2 * (50 +17)] = 25.86mA
•
Total Power Dissipation on the ROUT per LVCMOS output
Power (ROUT)=ROUT *(IOUT)
2 =17
 * (25.86mA)2 = 11.4mW per output
Total Power (ROUT) = 11.4mW*2= 22.8mW
Total Power Dissipation
•
Total Power
= Power (core)MAX + Total Power (ROUT)
= 252.9mW + 22.8mW
= 275.7mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 81.2°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.276W *81.2°C/W = 107.4°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance JA for 16-Lead TSSOP, Forced Convection
JA by Velocity
Meters per Second
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
81.2°C/W
73.9°C/W
70.2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com