Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840272I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS840272I
Description  Synchronous Ethernet Frequency Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS840272I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS840272I Datasheet HTML 1Page - Renesas Technology Corp ICS840272I Datasheet HTML 2Page - Renesas Technology Corp ICS840272I Datasheet HTML 3Page - Renesas Technology Corp ICS840272I Datasheet HTML 4Page - Renesas Technology Corp ICS840272I Datasheet HTML 5Page - Renesas Technology Corp ICS840272I Datasheet HTML 6Page - Renesas Technology Corp ICS840272I Datasheet HTML 7Page - Renesas Technology Corp ICS840272I Datasheet HTML 8Page - Renesas Technology Corp ICS840272I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ICS840272I DATA SHEET
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
2
REVISION A 06/19/14
Pin Descriptions and Characteristics
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1VDD
Power
Core supply pin.
2
LOCK_DT
Output
Lock detect. Logic HIGH when PLL is locked.
3
REF_SEL
Input
Pulldown
Selects the input reference clock. When LOW, selects CLK0, nCLK0.
When HIGH, selects CLK1, nCLK1. LVCMOS/LVTTL interface levels.
4
SEL0
Input
Pullup
Selects the input reference frequency and the PLL bypass mode. See Table
3A. LVCMOS/LVTTL interface levels.
5
SEL1
Input
Pulldown
Selects the input reference frequency and the PLL bypass mode. See Table
3A. LVCMOS/LVTTL interface levels.
6
OE
Input
Pulldown
8kHz output enable pin. When LOW, QB is disabled. When HIGH, QB is
enabled. LVCMOS/LVTTL interface levels. See Table 3B.
7VDDA
Power
Analog supply pin.
8
GND
Power
Power supply ground.
9
nCLK1
Input
Pullup/
Pulldown
Inverting differential clock input. Internal resistor bias to VDD/2.
10
CLK1
Input
Pulldown
Non-inverting differential clock input.
11
nCLK0
Input
Pullup/
Pulldown
Inverting differential clock input. Internal resistor bias to VDD/2.
12
CLK0
Input
Pulldown
Non-inverting differential clock input.
13
GND
Power
Power supply ground.
14
QB
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
15
QA
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
16
VDDO
Power
Output supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
ROUT
Output Impedance
VDDO = 3.465V
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com