Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS573 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS573
Description  SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS573 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS573 Datasheet HTML 1Page - Texas Instruments SN74HCS573 Datasheet HTML 2Page - Texas Instruments SN74HCS573 Datasheet HTML 3Page - Texas Instruments SN74HCS573 Datasheet HTML 4Page - Texas Instruments SN74HCS573 Datasheet HTML 5Page - Texas Instruments SN74HCS573 Datasheet HTML 6Page - Texas Instruments SN74HCS573 Datasheet HTML 7Page - Texas Instruments SN74HCS573 Datasheet HTML 8Page - Texas Instruments SN74HCS573 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
18
17
GND
4Q
6Q
7Q
V
CC
15
16
1D
2D
OE
5D
6D
LE
5Q
8Q
4D
3D
10
9
7D
8D
2Q
1Q
3Q
20
19
Figure 5-1. DGS Package
20-Pin VSSOP
Top View
VCC
LE
GND
1D
2D
3D
4D
5D
6D
7D
8D
OE
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
PAD
Figure 5-2. RKS Package
20-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OE
1
Input
Output enable for all channels, active low
D1
2
Input
Input for channel 1
D2
3
Input
Input for channel 2
D3
4
Input
Input for channel 3
D4
5
Input
Input for channel 4
D5
6
Input
Input for channel 5
D6
7
Input
Input for channel 6
D7
8
Input
Input for channel 7
D8
9
Input
Input for channel 8
GND
10
—
Ground
LE
11
Input
Latch enable
Q8
12
Output
Output for channel 8
Q7
13
Output
Output for channel 7
Q6
14
Output
Output for channel 6
Q5
15
Output
Output for channel 5
Q4
16
Output
Output for channel 4
Q3
17
Output
Output for channel 3
Q2
18
Output
Output for channel 2
Q1
19
Output
Output for channel 1
VCC
20
—
Postive supply
Thermal Pad
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
www.ti.com
SN74HCS573
SCLS876A – OCTOBER 2021 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com