Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6216 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6216
Description  Precise 2-Phase Buck PWM Controller for Intel® Mobile Voltage Positioning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6216 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6216 Datasheet HTML 1Page - Renesas Technology Corp ISL6216 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN9108 Rev 1.00
Page 1 of 2
March 2004
FN9108
Rev 1.00
March 2004
ISL6216
Precise 2-Phase Buck PWM Controller for Intel® Mobile Voltage Positioning
IMVP-IV™
DATASHEET
To request the full datasheet, please visit www.intersil.com/products/isl6216
The ISL6216 2-Phase Buck PWM control IC, with ISL6206
or ISL6207 half bridge gate drivers, provides a precision
voltage regulation system for advanced microprocessors in
notebook computers. Two phase operation and discrete
external gate drivers address the thermal management
issues and load demand of Intel’s latest high performance
processors. This control IC features both input voltage feed-
forward and average current mode control for excellent
dynamic response, lossless current sensing using the lower
MOSFET’s rDS(ON), and user selectable switching
frequencies from 200kHz to 1MHz.
The ISL6216 includes a 6 bit digital-to-analog converter
(DAC) that dynamically adjusts the CORE PWM output
voltage from 0.700V to 1.708V and conforms to the Intel
IMVP-IV mobile VID specification. The ISL6216 also has
logic inputs to detect between Active mode and Deep Sleep/
Deeper Sleep suspend modes. To improve efficiency at light
load operation, single channel PWM is available during
Deeper Sleep operation. A precision reference, remote
sensing and proprietary architecture with programmable
droop compensation, provide excellent static and dynamic
CORE voltage regulation.
Another feature of this controller IC is the PG_IN monitor
circuit which allows a companion VCCP and VCC_MCH
controller to inhibit the ISL6216 PGOOD until the VCCP and
VCC_MCH voltages are within regulation. The Over-Voltage
threshold is 1.724V, and CORE output voltage above this
level results in converter shutting down. Under-Voltage, at
86% of the programmed level, results in PGOOD being
pulled low. Over-Current protection features pulse by pulse
current limiting. PG_IN, PGOOD, Over-Voltage, Under-
Voltage and Over-Current features provide monitoring and
protection for the microprocessor and power system.
The ISL6216 IC package is available in 28 lead SSOP.
Ordering Information
Features
• 2-Phase or Single Phase Power Conversion
• High Efficiency Current Sensing
- Option for thermal compensation
- Optional Current-Sense Resistor for Precision Over-
Current
• Precision CORE Voltage Regulation
- 1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 6-Bit VID Input
- 0.700V to 1.708V in 16mV steps
- Programmable Droop Voltage
• DSEN# (STP_CPU#) and DRSEN (DPRSLPVR) logic
inputs for low power states
• DSV voltage input for DEEP SLEEP Mode
• DRSV voltage input for DEEPER SLEEP Mode
• Programmable slew rate control on output voltage
• Excellent Dynamic Response
- Combined Input Voltage Feed-Forward, Average
Current Mode Control and Output Voltage Feedback
• Over-Voltage, Under-Voltage and Over-Current Protection
• 2 or 1 Phase User Selectable Operation
• Power-Good Output and PG_IN input
• User selectable Switching Frequency of 200kHz -1MHz
- 400kHz - 2.0 MHz Effective Ripple Frequency
Pinout
ISL6216 (28 LEAD SSOP)
TOP VIEW
PART NUMBER
TEMP. (°C)
PACKAGE
PKG. DWG. #
ISL6216CA
-10 to 85
28 Lead SSOP M28.15
VCC
PGOOD
RAMPS
VSEN
VRTN
PG_IN
ISEN1
PWM1
PWM2
ISEN2
DRSEN
DSEN#
OCSET
DSV
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VID 0
VID 1
VID 2
VID 3
VID 4
VID 5
VMON
FB
COMP
FS-EN
STV
DRSV
SOFT
GND
Data Sheet
NOT RECOMMENDED FOR NEW DESIG
NS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center
at
1-888-INTERSIL or www.intersil.com/ts
c


Similar Part No. - ISL6216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210CRZ INTERSIL-ISL6210CRZ Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
logo
Renesas Technology Corp
ISL6210CRZ RENESAS-ISL6210CRZ Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210CRZ-T INTERSIL-ISL6210CRZ-T Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
More results

Similar Description - ISL6216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3738 LINER-LTC3738 Datasheet
316Kb / 32P
3-Phase Buck Controller for Intel VRM9/VRM10 with Active Voltage Positioning
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Linear Technology
LTC3738 LINER-LTC3738_15 Datasheet
325Kb / 32P
3-Phase Buck Controller for Intel VRM9/VRM10 with Active Voltage Positioning
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com