Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G06 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC3G06
Description  TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC3G06 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC3G06 Datasheet HTML 1Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 2Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 3Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 4Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 5Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 6Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 7Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74LVC3G06
Document number: DS44929 Rev. 1 - 2
4 of 8
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
74LVC3G06
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
-40ºC to +85ºC
-40ºC to +125ºC
—
Min
Max
Min
Max
Unit
VOL
Low Level Output Voltage
IOL = 100μA
1.65V to 5.5V
—
0.1
—
0.1
V
IOL = 4mA
1.65V
—
0.45
—
0.45
IOL = 8mA
2.3V
—
0.3
—
0.3
IOL = 16mA
3V
—
0.4
—
0.4
IOL = 24mA
—
0.55
—
0.75
IOL = 32mA
4.5V
—
0.55
—
0.75
II
Input Current
VI = 5.5V or GND
0 to 5.5V
—
±5
—
±5
μA
IOFF
Power Down Leakage Current
VI or VO = 5.5V
0
—
±10
—
±10
μA
ICC
Supply Current
VI = 5.5V of GND,
IO = 0
1.65V to 5.5V
—
10
—
10
μA
ΔICC
Additional Supply Current
Input at VCC – 0.6V
3V to 5.5V
—
500
—
500
μA
CI
Input Capacitance
VI = VCC or GND
3.3V
—
3.5 (Typ)
—
—
pF
Package Characteristics
Symbol
Parameter
Package
Test Conditions
Min
Typ
Max
Unit
ϴJA
Thermal Resistance Junction-to-Ambient
SSOP-8
Note 7
—
130
—
°C/W
ϴJC
Thermal Resistance Junction-to-Case
SSOP-8
Note 7
—
36
—
°C/W
Note:
7. Test condition for SSOP-8: Device mounted on JEDEC 2s2p High-K board, FR-4 substrate PCB, 2oz copper with minimum recommended pad layout.
Operating Characteristics (T
A = +25ºC, VCC = 3.3V)
Symbol
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Typ
CPD
Power Dissipation Capacitance
f = 10MHz,
1 Input Switching
2
2
3
4
pF
Switching Characteristics
Figure 1
Parameter
From
Input
To
Output
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
tPD
A
Y
1.8V ±0.15V
1.8
7.2
1.8
7.8
ns
2.5V ±0.2V
1
3.9
1
4.5
3.3V ±0.3V
1
3.4
1
4.0
5.0V ±0.5V
1
2.9
1
3.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com