Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G06 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC3G06
Description  TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC3G06 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC3G06 Datasheet HTML 1Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 2Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 3Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 4Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 5Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 6Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 7Page - Diodes Incorporated 74LVC3G06 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVC3G06
Document number: DS44929 Rev. 1 - 2
1 of 8
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
74LVC3G06
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
Description
The
DIODES™ 74LVC3G06 is a triple inverter with open drain outputs.
The device is designed for operation with a power supply range of
1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be
used in a mixed voltage environment. The device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables
the output preventing damaging current backflow when the device is
powered down.
Each of the inverters performs the positive Boolean function:
A
Y 
A pull-up resistor is required for a logical HIGH output.
Pin Assignments
Features
Wide Supply Voltage Range from 1.65V to 5.5V
-24mA Output Drive at 3.3V
CMOS Low Power Consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs Accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 2,000V Human Body Model (A114)
Exceeds 1,000V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Range of Package Options
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Applications
•
Voltage level shifting
•
General purpose logic
•
Power down signal isolation
•
Wide array of products such as:
•
PCs, networking, notebooks, netbooks, PDAs
•
Computer peripherals, hard drives, CD/DVD ROM
•
TV, DVD, DVR, set top boxes
•
Cell phones, personal navigation / GPS
•
MP3 players, cameras, video recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC3G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G06 PHILIPS-74LVC3G06 Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
74LVC3G06 NXP-74LVC3G06 Datasheet
101Kb / 16P
Triple inverter with open-drain output
Rev. 07-12 March 2009
logo
Nexperia B.V. All right...
74LVC3G06 NEXPERIA-74LVC3G06 Datasheet
254Kb / 15P
Triple inverter with open-drain output
Rev. 15 - 20 April 2021
logo
NXP Semiconductors
74LVC3G06DC PHILIPS-74LVC3G06DC Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
74LVC3G06DC NXP-74LVC3G06DC Datasheet
101Kb / 16P
Triple inverter with open-drain output
Rev. 07-12 March 2009
More results

Similar Description - 74LVC3G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
logo
NXP Semiconductors
74HC3G06 NXP-74HC3G06 Datasheet
92Kb / 13P
Triple inverter with open-drain outputs
Rev. 03-11 May 2009
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
Triple Inverter Buffer/Driver With Open-Drain Outputs
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com