Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCS1003A Datasheet(PDF) 3 Page - CTS Corporation

Part # VCS1003A
Description  PCB Substrate for excellent TCE match
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCS1003A Datasheet(HTML) 3 Page - CTS Corporation

  VCS1003A Datasheet HTML 1Page - CTS Corporation VCS1003A Datasheet HTML 2Page - CTS Corporation VCS1003A Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 1.2
Mechanical Dimensions : 9.0 mm x 14.0 mm x 3.0 mm (max.)
CTS Communications Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
Tel. (800) 757-6686 Fax: (630) 295-6606
www.ctscorp.com
Model VCS1003A
VCSO



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com