Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCS1003A Datasheet(PDF) 1 Page - CTS Corporation

Part # VCS1003A
Description  PCB Substrate for excellent TCE match
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCS1003A Datasheet(HTML) 1 Page - CTS Corporation

  VCS1003A Datasheet HTML 1Page - CTS Corporation VCS1003A Datasheet HTML 2Page - CTS Corporation VCS1003A Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 1.2
Electrical Specifications
:
VCS1003A
Specification
Center Frequency Fo
622.08 MHz
Supply Voltage (
± 5%)
5.0 V
Current Drain
60 mA max.
Frequency Stability (-40C to 85C)
± 150 ppm
Operating Temperature
-40° to +85°C
Tuning Voltage Range
0.5V to 4.5V
Absolute pull range over all conditions
±75 ppm minimum
Positive gain transfer (Kv)
180 ppm/V typical
Output voltage swing (p-p)
500 to 800 mV
{100K PECL compatible}
Linearity
+/- 3% typical:
± 10% max.
Output rise & fall times
250 ps typical; 400 ps max.
Spurious suppression
50 dBc min; 60 dBc typical
Data symmetry
45% min; 55% max.
Phase jitter (p-p)
< 5 psec
RMS phase jitter (50 kHz to 80 MHz)
< 1 psec
Model VCS1003A
VCSO
Features:
• 622.08 MHz VCSO
• Low Profile Surface Mount Package
• Excellent solder reflow performance
• PCB Substrate for excellent TCE match
Description and applications:
Surface mount 9x14 mm VCSO operating
at a 5.0V supply with complementary
PECL outputs for use in datacom
applications
CTS Communications Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
Tel. (800) 757-6686 Fax: (630) 295-6606
www.ctscorp.com
.
VCS1003A
622M
CTS
04XX


Similar Part No. - VCS1003A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCS1001A CTS-VCS1001A Datasheet
71Kb / 3P
PCB Substrate for excellent TCE match
logo
XP Power Limited
VCS100US05 XPPOWER-VCS100US05 Datasheet
580Kb / 4P
Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
VCS100US05 XPPOWER-VCS100US05 Datasheet
792Kb / 4P
50-100 Watts VCS Series
VCS100US05 XPPOWER-VCS100US05 Datasheet
579Kb / 4P
50-100 Watts
19-July-12
VCS100US12 XPPOWER-VCS100US12 Datasheet
580Kb / 4P
Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
More results

Similar Description - VCS1003A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCS1001A CTS-VCS1001A Datasheet
71Kb / 3P
PCB Substrate for excellent TCE match
logo
Applied Micro Circuits ...
CS5320 AMCC-CS5320 Datasheet
1Mb / 160P
PCI Match Maker, 3.3V
logo
Adam Technologies, Inc.
MPF-A-XX-SMT-T ADAM-TECH-MPF-A-XX-SMT-T Datasheet
82Kb / 1P
MICRO MATCH SOCKET
MPF-A-XX-SMT-T-KT ADAM-TECH-MPF-A-XX-SMT-T-KT Datasheet
83Kb / 1P
MICRO MATCH SOCKET
MPF-A-XX-SMT-T-KT-TR ADAM-TECH-MPF-A-XX-SMT-T-KT-TR Datasheet
85Kb / 1P
MICRO MATCH SOCKET
MPF-A-XX-H-T ADAM-TECH-MPF-A-XX-H-T Datasheet
80Kb / 1P
MICRO MATCH SOCKET
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
AlN substrate for improved performance
10-FZ122PA100FC01-P999F58 VINCOTECH-10-FZ122PA100FC01-P999F58 Datasheet
2Mb / 15P
AlN substrate for improved performance
logo
SunLED Corporation
XEUY30D SUNLED-XEUY30D Datasheet
217Kb / 3P
Excellent for flush mounting
logo
PHOENIX CONTACT
UNIFOX-C-VDE-DB PHOENIX-UNIFOX-C-VDE-DB Datasheet
53Kb / 2P
Excellent transformation ratios for excellent gripping and cutting performance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com