Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS81 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS81
Description  Schottky barrier diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS81 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS81 Datasheet HTML 1Page - NXP Semiconductors BAS81 Datasheet HTML 2Page - NXP Semiconductors BAS81 Datasheet HTML 3Page - NXP Semiconductors BAS81 Datasheet HTML 4Page - NXP Semiconductors BAS81 Datasheet HTML 5Page - NXP Semiconductors BAS81 Datasheet HTML 6Page - NXP Semiconductors BAS81 Datasheet HTML 7Page - NXP Semiconductors BAS81 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Jun 24
4
Philips Semiconductors
Product specification
Schottky barrier diodes
BAS81; BAS82; BAS83
GRAPHICAL DATA
Fig.2
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
1.0
0
10
I
F
2
MGC690
10
(mA)
1
(1) (2) (3)
10 −1
0.2
0.4
0.6
0.8
V
F
(V)
(1) (2) (3)
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
Fig.3
Reverse current as a function of reverse
voltage; typical values.
handbook, halfpage
10 4
10
(nA)
I
R
3
10 2
10
10−2
10−1
60
20
0
MGC689
40
V
R
(V)
1
(1)
(2)
(3)
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz.
0
0.5
1.0
1.5
2.0
0
153045
60
MGC688
Cd
(pF)
V (V)
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com