Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH49FQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH49FQ
Description  LINEAR HALL EFFECT IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49FQ Datasheet(HTML) 5 Page - Diodes Incorporated

  AH49FQ Datasheet HTML 1Page - Diodes Incorporated AH49FQ Datasheet HTML 2Page - Diodes Incorporated AH49FQ Datasheet HTML 3Page - Diodes Incorporated AH49FQ Datasheet HTML 4Page - Diodes Incorporated AH49FQ Datasheet HTML 5Page - Diodes Incorporated AH49FQ Datasheet HTML 6Page - Diodes Incorporated AH49FQ Datasheet HTML 7Page - Diodes Incorporated AH49FQ Datasheet HTML 8Page - Diodes Incorporated AH49FQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AH49FQ
Document number: DS45387 Rev. 1 - 2
5 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH49FQ
Performance Characteristics
Supply Current vs. Supply Voltage
Output Voltage vs. Magnetic Field
Output Voltage vs. Supply Voltage
Output Voltage vs. Ambient Temperature
Power Dissipation vs. Ambient Temperature
2
3
4
5
6
7
8
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
CC
(V)
B=0Gauss
No Load
-1500
-1000
-500
0
500
1000
1500
0
1
2
3
4
5
B (Gauss)
V
CC
=5V
No Load
2
3
4
5
6
7
8
0
1
2
3
4
5
B=0Gauss
No Load
V
CC
(V)
-40
0
40
80
120
0
1
2
3
4
5
V
CC
=5V
B=0Gauss
No Load
T
A
(
oC)
0
50
100
150
200
250
300
0
25
50
75
100
125
150
T
A (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com