Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH49FQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH49FQ
Description  LINEAR HALL EFFECT IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49FQ Datasheet(HTML) 1 Page - Diodes Incorporated

  AH49FQ Datasheet HTML 1Page - Diodes Incorporated AH49FQ Datasheet HTML 2Page - Diodes Incorporated AH49FQ Datasheet HTML 3Page - Diodes Incorporated AH49FQ Datasheet HTML 4Page - Diodes Incorporated AH49FQ Datasheet HTML 5Page - Diodes Incorporated AH49FQ Datasheet HTML 6Page - Diodes Incorporated AH49FQ Datasheet HTML 7Page - Diodes Incorporated AH49FQ Datasheet HTML 8Page - Diodes Incorporated AH49FQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH49FQ
Document number: DS45387 Rev. 1 - 2
1 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH49FQ
LINEAR HALL EFFECT IC
Description
The
DIODES™ AH49FQ is a small, versatile linear Hall effect device
that is operated by the magnetic field from a permanent magnet or an
electromagnet. The output voltage is set by the supply voltage and
varies in proportion to the strength of the magnetic field.
The integrated circuitry features low-noise output, which makes it
unnecessary to use external filtering components. It also includes
precision resistors to provide increased temperature stability and
accuracy. The operating temperature range of these linear Hall sensors
is -40°C to +105°C, appropriate for automotive, commercial, consumer,
and industrial environments.
The AH49FQ is available in SC59 package.
Features
Power Consumption of 3.0mA at VCC = 5V for Energy Efficiency
Single Current Sourcing Output
Linear Voltage Output for Circuit Design Flexibility
Low-Noise Output Virtually Eliminates the Need for Filtering
A Stable and Accurate Output
Temperature Range: -40°C to +105°C
Responds to Either Positive or Negative Gauss
The Maximum Instantaneous Supply Voltage up to 50V
High ESD Rating: 3000V (Human Body Model)
2000V (Charged Device Model)
Small Low Profile SC59 Package
AEC-Q100 Grade 2 Qualified
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
The AH49FQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
SC59
Applications
Position sensing
Liquid level sensing
Weight sensing
Ferrous metal detectors
Vibration sensing
Rotary encoders
Magnetic code reading
Motor controls
Current sensing
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3
2
1
GND
VCC
OUT
(Top View)


Similar Part No. - AH49FQ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49F BCDSEMI-AH49F Datasheet
294Kb / 10P
LINEAR HALL EFFECT IC Miniature Construction
logo
Diodes Incorporated
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FDNTR-G1 DIODES-AH49FDNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49FNTR-G1 DIODES-AH49FNTR-G1 Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
More results

Similar Description - AH49FQ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
LINEAR HALL EFFECT IC
Rev 1.2
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
Rev 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
Rev 1
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
LINEAR HALL-EFFECT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com