Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3607 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3607 Datasheet HTML 6Page - Diodes Incorporated AP3607 Datasheet HTML 7Page - Diodes Incorporated AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated AP3607 Datasheet HTML 10Page - Diodes Incorporated AP3607 Datasheet HTML 11Page - Diodes Incorporated AP3607 Datasheet HTML 12Page - Diodes Incorporated AP3607 Datasheet HTML 13Page - Diodes Incorporated AP3607 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
10 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
Typical Performance Characteristics (Cont. TA=+25°C, CIN=C1=C2=COUT=1μF, VF=3.2V, unless otherwise noted.)
1x Mode WLED Current vs. Temperature
1.5x Mode WLED Current vs.Temperature
WLED Current vs. Input Voltage
WLED Current vs. Input Voltage
Frequency vs. Temperature
Frequency vs. Temperature
-40
-20
0
20
40
60
80
100
120
140
16
17
18
19
20
21
22
AP3607
T
A
=25
oC
V
IN
=5V
Temperature (
OC)
I
D1
I
D2
I
D3
I
D4
I
D5
I
D6
-40
-20
0
20
40
60
80
100
120
140
16
17
18
19
20
21
22
AP3607
T
A
=25
oC
V
In
=3.6V
Temperature (
OC)
I
D1
I
D2
I
D3
I
D4
I
D5
I
D6
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
16
17
18
19
20
21
22
AP3606
T
A
=25
OC
V
IN
Falling
Input Voltage (V)
I
D1
I
D2
I
D3
I
D4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
16
17
18
19
20
21
22
AP3607
T
A
=25
oC
V
IN
Falling
Input Voltage (V)
I
D1
I
D2
I
D3
I
D4
I
D5
I
D6
-40
-20
0
20
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
AP3606
V
IN
=3.6V
I
D1
=I
D2
=I
D3
=I
D4
=20mA
Temperature(
oC)
-40
-20
0
20
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
AP3607
V
IN
=3.6V
I
D1
=I
D2
=I
D3
=I
D4
=I
D5
=I
D6
=20mA
Temperature (
oC)
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com