Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3607 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated AP3607 Datasheet HTML 10Page - Diodes Incorporated AP3607 Datasheet HTML 11Page - Diodes Incorporated AP3607 Datasheet HTML 12Page - Diodes Incorporated AP3607 Datasheet HTML 13Page - Diodes Incorporated AP3607 Datasheet HTML 14Page - Diodes Incorporated AP3607 Datasheet HTML 15Page - Diodes Incorporated AP3607 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
12 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
Typical Performance Characteristics (Cont. TA=+25°C, CIN=C1=C2=COUT=1μF, VF=3.2V, unless otherwise noted.)
1x Mode Turn on Characteristic
1x Mode Turn off Characteristic
(AP3607)
(AP3607)
1.5x Mode Turn on Characteristic
1.5x Mode Turn off Characteristic
(AP3606)
(AP3606)
1.5x Mode Turn on Characteristic
1.5x Mode Turn off Characteristic
(AP3607)
(AP3607)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (100μs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (400
μs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (100μs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (400
μs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (100μs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (400
μs/div)
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com