Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9229 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9229
Description  400MHz Low Voltage PECL Clock Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9229 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9229 Datasheet HTML 1Page - Renesas Technology Corp MPC9229 Datasheet HTML 2Page - Renesas Technology Corp MPC9229 Datasheet HTML 3Page - Renesas Technology Corp MPC9229 Datasheet HTML 4Page - Renesas Technology Corp MPC9229 Datasheet HTML 5Page - Renesas Technology Corp MPC9229 Datasheet HTML 6Page - Renesas Technology Corp MPC9229 Datasheet HTML 7Page - Renesas Technology Corp MPC9229 Datasheet HTML 8Page - Renesas Technology Corp MPC9229 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
MPC9229 REVISION 5 DECEMBER 19, 2012
1
©2012 Integrated Device Technology, Inc.
400MHz Low Voltage PECL Clock Synthesizer
MPC9229
The MPC9229 is a 3.3 V compatible, PLL based clock synthesizer targeted for high
performance clock generation in mid-range to high-performance telecom, networking and
computing applications. With output frequencies from 25 MHz to 400 MHz and the support of
differential PECL output signals the device meets the needs of the most demanding clock
applications.
Features
•
25 MHz to 400 MHz Synthesized Clock Output Signal
•
Differential PECL Output
•
LVCMOS Compatible Control Inputs
•
On-Chip Crystal Oscillator for Reference Frequency Generation
•
3.3-V Power Supply
•
Fully Integrated PLL
•
Minimal Frequency Overshoot
•
Serial 3-Wire Programming Interface
•
Parallel Programming Interface for Power-Up
•
32-Lead LQFP and 28-Lead PLCC Packaging
•
32-Lead and 28-Lead Pb-Free Package
•
SiGe Technology
•
Ambient Temperature Range 0°C to +70°C
•
Pin and Function Compatible to the MC12429
•
Replacement part: ICS84329B
Functional Description
The internal crystal oscillator uses the external quartz crystal as the basis of its frequency
reference. The frequency of the internal crystal oscillator is divided by 16 and then multiplied
by the PLL. The VCO within the PLL operates over a range of 800 to 1600 MHz. Its output is
scaled by a divider that is configured by either the serial or parallel interfaces. The crystal
oscillator frequency fXTAL, the PLL feedback-divider M and the PLL post-divider N determine
the output frequency.
The feedback path of the PLL is internal. The PLL adjusts the VCO output frequency to be
4
M times the reference frequency by adjusting the VCO control voltage. Note that for some
values of M (either too high or too low) the PLL will not achieve phase lock. The PLL will be stable if the VCO frequency is within the specified
VCO frequency range (800 to 1600 MHz). The M-value must be programmed by the serial or parallel interface.
The PLL post-divider N is configured through either the serial or the parallel interfaces, and can provide one of four division ratios (1, 2, 4,
or 8). This divider extends performance of the part while providing a 50% duty cycle. The output driver is driven differentially from the output
divider, and is capable of driving a pair of transmission lines terminated 50
 to VCC –2.0 V. The positive supply voltage for the internal PLL
is separated from the power supply for the core logic and output drivers to minimize noise induced jitter.
The configuration logic has two sections: serial and parallel. The parallel interface uses the values at the M[8:0] and N[1:0] inputs to configure
the internal counters. It is recommended on system reset to hold the P_LOAD input LOW until power becomes valid. On the LOW-to-HIGH
transition of P_LOAD, the parallel inputs are captured. The parallel interface has priority over the serial interface. Internal pullup resistors are
provided on the M[8:0] and N[1:0] inputs prevent the LVCMOS compatible control inputs from floating.
The serial interface centers on a fourteen bit shift register. The shift register shifts once per rising edge of the S_CLOCK input. The serial
input S_DATA must meet setup and hold timing as specified in the AC Characteristics section of this document. The configuration latches will
capture the value of the shift register on the HIGH-to-LOW edge of the S_LOAD input. Refer to Programming Interface for more information.
The TEST output reflects various internal node values, and is controlled by the T[2:0] bits in the serial data stream. In order to minimize the
PLL jitter, it is recommended to avoid active signal on the TEST output.
MPC9229
400 MHz LOW VOLTAGE
CLOCK SYNTHESIZER
ORDERING INFORMATION
Device
Temp.
Range
Case
No.
Package
MPC9229EI
0°C
to +70°C
776-02
PLCC
MPC9229AC
0°C
to +70°C
873A-03
LQFP
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04
EI SUFFIX
28-LEAD PLCC PACKAGE
Pb-FREE PACKAGE
CASE 776-02
PRODUCT DISCONTINUANCE NOTICE - LAST TIME BUY EXPIRES ON (12/3/13)


Similar Part No. - MPC9229

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
More results

Similar Description - MPC9229

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
Low-Voltage PECL Differential Clock
July 2001
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
PECL Clock Synthesizer
Revision 042600
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
Renesas Technology Corp
MPC92439 RENESAS-MPC92439 Datasheet
651Kb / 17P
900MHz, Low Voltage LVPECL Clock Synthesizer
2019
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com