Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9229 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9229
Description  400MHz Low Voltage PECL Clock Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9229 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9229 Datasheet HTML 1Page - Renesas Technology Corp MPC9229 Datasheet HTML 2Page - Renesas Technology Corp MPC9229 Datasheet HTML 3Page - Renesas Technology Corp MPC9229 Datasheet HTML 4Page - Renesas Technology Corp MPC9229 Datasheet HTML 5Page - Renesas Technology Corp MPC9229 Datasheet HTML 6Page - Renesas Technology Corp MPC9229 Datasheet HTML 7Page - Renesas Technology Corp MPC9229 Datasheet HTML 8Page - Renesas Technology Corp MPC9229 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MPC9229 REVISION 5 DECEMBER 19, 2012
2
©2012 Integrated Device Technology, Inc.
MPC9229 Data Sheet
400MHZ LOW VOLTAGE PECL CLOCK SYNTHESIZER
Figure 1. MPC9229 Logic Diagram
1
2
4
8
XTAL_IN
XTAL_OUT
S_LOAD

16
S_DATA
S_CLOCK
M[0:8]
XTAL
PLL
Ref
FB
VCO
800 – 1800 MHz
00
01
10
11
0 TO 511
9-BIT M-DIVIDER
M-LATCH
N-LATCH
10 – 20 MHz
T-LATCH
9
2
TEST
3
LE
01
01
BITS 5-13
BITS 3-4
BITS 0-2
14-BIT SHIFT REGISTER
SYNC
N[1:0]
OE
P/S
fOUT
TEST
VCC
VCC
4
OE
P_LOAD
fOUT
1
4
3
2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
78
6
5
S_CLOCK
N[1]
N[0]
M[8]
M[7]
M[6]
M[5]
M[4]
S_DATA
S_LOAD
VCC_PLL
NC
NC
XTAL_IN
MPC9229
Figure 2. MPC9229 28-Lead PLCC Pinout
(Top View)
Figure 3. MPC9229 32-Lead LQFP Pinout
(Top View)
GND
TEST
VCC
VCC
GND
fOUT
fOUT
NC
M[3]
M[2]
M[1]
M[0]
P_LOAD
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
34
56
78
24
23
22
21
20
19
18
17
16
VCC
OE
XTAL_OUT
MPC9229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com